FYA-R22010ZX
AI

The **FYA-R22010ZX** is a specific electronic component belonging to the **LED Bar Graph Display** family, typically manufactured by companies like *Foryard Optoelectronics*. It is designed to provide a linear visual representation of data (such as volume, battery life, or signal strength).
---
## 1. Technical Specifications
This component is a **10-Segment Bar Graph Array**. Below are the typical technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Segment Count** | 10 individual LEDs |
| **Light Color** | Red (Standard for 'R' designation) |
| **Configuration** | Black Surface, White Segments (OFF) |
| **Polarity** | Standard (Common Anode or Cathode variants exist) |
| **Forward Voltage ($V_f$)** | 1.8V to 2.2V per segment |
| **Forward Current ($I_f$)** | 20mA (Max per segment) |
| **Peak Wavelength** | ~640nm to 660nm |
---
## 2. Pinout and Internal Structure
The device usually comes in a **20-pin Dual In-line Package (DIP)**. This allows for easy mounting on PCBs or breadboards.
* **Pin Logic:** Each of the 10 segments has its own anode and cathode.
* **Total Pins:** 20 pins (10 segments $\times$ 2 pins each).
* **Physical Dimensions:** Typically $25.4mm \times 10.16mm \times 8.0mm$.
### Internal Diagram Representation
```text
(Top View)
1 2 3 4 5 6 7 8 9 10
[=][=][=][=][=][=][=][=][=][=] <-- LED Segments
20 19 18 17 16 15 14 13 12 11
```
---
## 3. Key Features
1. **Uniformity:** Provides high-intensity light output with uniform appearance across all 10 segments.
2. **Stackability:** The rectangular casing is designed so multiple units can be placed side-by-side to create a longer bar (e.g., 20 or 30 segments).
3. **Durability:** Solid-state reliability with a long lifespan compared to mechanical indicators.
4. **Compatibility:** Easily driven by ICs like the **LM3914** (Dot/Bar Display Driver) or directly by microcontroller GPIOs (using current-limiting resistors).
---
## 4. Typical Applications
* **Audio Equipment:** VU meters for sound levels.
* **Industrial Control:** Temperature or pressure indicators.
* **Power Systems:** Battery charge level indicators.
* **Consumer Electronics:** Signal strength meters on wireless devices.
---
- ⤷
What is the difference between Common Anode and Common Cathode versions of this display?
- ⤷ Which current-limiting resistor value should I use for a 5V circuit with this LED bar?
- ⤷ Can this component be controlled using an Arduino or ESP32 directly?