AI

The **FYA-R3219ZX** is a high-performance **7-Segment LED Display** module, typically featuring three digits. It is commonly used in industrial panels, digital clocks, and instrument readouts where high visibility is required.
---
### 1. Technical Specifications
Below is a breakdown of the typical electrical characteristics for this component:
| Feature | Specification |
| :--- | :--- |
| **Display Type** | 7-Segment LED |
| **Number of Digits** | 3 Digits |
| **Circuit Configuration** | Common Anode or Common Cathode (Suffix dependent) |
| **Digit Height** | 0.32 inches (8.10 mm) |
| **Forward Voltage ($V_F$)** | 1.8V - 2.2V (Red/Green), 3.0V - 3.5V (Blue/White) |
| **Forward Current ($I_F$)** | 20mA per segment |
| **Peak Wavelength** | Varies by color (e.g., 635nm for High-Efficiency Red) |
---
### 2. Electronic Architecture
The internal wiring of the FYA-R3219ZX is designed to minimize the number of pins required to drive three digits simultaneously.
* **Multiplexing Layout:** The segments (A, B, C, D, E, F, G, and DP) of all three digits are usually tied together internally. To display a specific number on one digit, you must activate the specific "Common" pin for that digit.
* **Pinout Structure:**
1. **Segment Pins:** 8 pins (A-G + Decimal Point).
2. **Digit Select Pins:** 3 pins (one for each digit).
* **Polarity:**
* **Common Anode (CA):** All LED anodes are connected to a common positive rail; logic "LOW" (0V) turns a segment ON.
* **Common Cathode (CC):** All LED cathodes are connected to a common ground; logic "HIGH" (VCC) turns a segment ON.
---
### 3. Connection & Implementation
To use this part in an electronic circuit, the following considerations are vital:
#### Current Limiting
Never connect the segments directly to a power source. You must use **current-limiting resistors** (typically 220Ω to 470Ω for 5V logic) to prevent the LEDs from burning out.
#### Driving Code Example (Pseudocode)
```cpp
// Example: Displaying '1' on Digit 1
digitalWrite(DIGIT_1, HIGH); // Select Digit 1
digitalWrite(SEG_B, LOW); // Turn on Segment B
digitalWrite(SEG_C, LOW); // Turn on Segment C
delay(5); // Brief delay for persistence of vision
digitalWrite(DIGIT_1, LOW); // Deselect Digit 1
```
---
### 4. Part Number Breakdown
* **FYA:** Manufacturer Series Prefix (typically "FORYARD").
* **R32:** Refers to the physical size (0.32-inch digit height).
* **19:** Internal design code/revision.
* **ZX:** Color and Polarity code (Z usually denotes the color code, X denotes the polarity).
- ⤷
What is the exact pinout diagram for the FYA-R3219ZX?
- ⤷ How do I calculate the resistor value for this display at 3.3V?
- ⤷ Does this model come in ultra-bright green or blue variants?