AI

The **FYA-R42010ZX** is a specific electronic component belonging to the optoelectronics family, specifically a **4-digit 7-segment LED display**. These components are widely used in digital clocks, measuring instruments, and electronic appliances to display numeric data.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Type** | 7-Segment LED Display |
| **Number of Digits** | 4 Digits |
| **Digit Height** | 0.40 inches (approx. 10.16 mm) |
| **Polarity** | Common Anode or Common Cathode (Suffix dependent) |
| **Light Color** | Varies by suffix (e.g., Red, Green, Blue, Yellow) |
| **Surface Color** | Black or Grey face with White segments |
| **Operating Voltage** | ~1.8V to 2.2V (Red) / ~3.0V to 3.4V (Blue/Green) |
| **Forward Current** | 20mA per segment (recommended) |
---
### 2. Internal Structure and Pinout
The display consists of 4 individual digits, each containing 7 segments (labeled **a** through **g**) and a decimal point (**DP**).
#### Segment Mapping:
Segments are arranged in a figure-eight pattern:
- **Top:** a
- **Middle:** g
- **Bottom:** d
- **Sides:** b, c, e, f
#### Multiplexing:
To save pins, the displays are usually **multiplexed**. Instead of having 32 separate pins for 4 digits, all "Segment A" pins are tied together internally. You select which digit to light up by activating the specific **Digit Common Pin** (Anode or Cathode).
---
### 3. Application Circuit Example
To interface this with a microcontroller (like an Arduino), you typically need:
1. **Current Limiting Resistors:** (220Ω - 470Ω) placed on each segment line to prevent burning out the LEDs.
2. **Transistors (Optional):** Used on the Digit Common pins if the microcontroller cannot provide enough current to drive all segments simultaneously.
```cpp
// Example: Pseudo-code for driving one digit
digitalWrite(digit1_pin, HIGH); // Enable first digit
digitalWrite(segmentA_pin, LOW); // Turn on segment A (if Common Anode)
delay(5); // Short delay for persistence of vision
digitalWrite(digit1_pin, LOW); // Turn off
```
---
### 4. Identification of Suffixes
The "ZX" at the end of the part number often refers to specific manufacturing variations:
* **Color Codes:** S (Super Red), G (Green), B (Blue).
* **Circuitry:** A (Common Anode), C (Common Cathode).
- ⤷
Is the FYA-R42010ZX a Common Anode or Common Cathode configuration?
- ⤷ What is the recommended resistor value for driving this display at 5V?
- ⤷ How do I wire this display to an Arduino for a digital clock project?