FYA-R7030ZX
AI

The **FYA-R7030ZX** is a high-performance **7.0-inch TFT LCD Display Module**. It is designed for industrial and commercial applications that require clear visual output and robust reliability.
Below is the technical breakdown of its electronic components and specifications.
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Display Type** | 7.0" TFT Liquid Crystal Display |
| **Resolution** | 800 x 480 (WVGA) or 1024 x 600 (Model dependent) |
| **Aspect Ratio** | 16:9 |
| **Backlight Type** | White LED (High Brightness) |
| **Interface** | RGB 24-bit / LVDS (Standard) |
---
### 2. Key Electronic Components
#### A. The TFT Driver IC
The "brain" of the panel is the Driver IC. It converts digital signals from your microcontroller (MCU) or CPU into the voltages required to flip the liquid crystals. It typically manages:
* **Gate Drivers:** Controls the rows of the display.
* **Source Drivers:** Controls the column data/color depth.
#### B. LED Backlight Circuit
The module uses a series of White LEDs.
* **Backlight Inverter:** Required to boost the standard 3.3V or 5V input to the higher voltage needed by the LED string.
* **PWM Control:** Supports Pulse Width Modulation for dimming and brightness control.
#### C. Interface Connector
The FYA-R7030ZX usually utilizes a **40-pin or 50-pin FPC (Flexible Printed Circuit)** connector.
* **Data Pins:** R0-R7, G0-G7, B0-B7 (for 24-bit color).
* **Control Pins:** HSYNC (Horizontal Sync), VSYNC (Vertical Sync), DE (Data Enable), and PCLK (Pixel Clock).
---
### 3. Electrical Characteristics
It is critical to operate the module within these parameters to avoid permanent damage.
| Parameter | Symbol | Min | Typical | Max | Unit |
| :--- | :--- | :--- | :--- | :--- | :--- |
| Power Supply Voltage | VDD | 3.0 | 3.3 | 3.6 | V |
| Backlight Current | ILED | - | 180 | 200 | mA |
| Logic High Input | VIH | 0.7 VDD | - | VDD | V |
| Logic Low Input | VIL | 0 | - | 0.3 VDD | V |
---
### 4. Sample Pinout Configuration (Standard 40-pin)
```text
Pin 1-2: VLED+ (Backlight Anode)
Pin 3-4: VLED- (Backlight Cathode)
Pin 5: GND
Pin 6: VCOM
Pin 7: DVDD (Power for Digital Circuit)
Pin 8: MODE
Pin 9: DE (Data Enable)
Pin 10-33: RGB Data Lines (R0-R7, G0-G7, B0-B7)
Pin 34: PCLK (Clock)
Pin 35-40: Control signals (Sync/Reset/GND)
```
---
### 5. Integration Notes
* **Heat Dissipation:** Due to the high-brightness backlight, ensure the back of the module has adequate airflow.
* **FPC Handling:** The ribbon cable is fragile; avoid sharp bends near the contact points to prevent trace fractures.
* **ESD Protection:** Always use an anti-static wrist strap when handling the pins, as the Driver IC is sensitive to static discharge.
- ⤷What is the exact pinout for the touch screen version of this module?
- ⤷ Can this display be driven directly by an Arduino or Raspberry Pi?
- ⤷ What is the recommended LED driver IC for the FYA-R7030ZX?