G3B25AH-R-YC
AI

The **G3B25AH-R-YC** is a specific part number for a high-quality, subminiature push-button switch manufactured by **NKK Switches**. It belongs to the **G3B Series**, which is known for being process-sealed and designed for surface mount (SMT) applications.
---
### 1. Technical Specifications Breakdown
The part number can be decoded to understand its specific electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | G3B Series (Subminiature Antistatic Pushbuttons) |
| **Circuit / Pole** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON - (ON) — *Parenthesis indicates Momentary action* |
| **Actuator Type** | 3.8mm Diameter Plunger |
| **Terminal Type** | Right Angle Surface Mount (SMT) |
| **Contact Material** | Gold plated (Ideal for logic-level signals) |
| **Electrical Capacity** | 0.4VA Max @ 28V AC/DC Max |
| **Operating Force** | 2.04 N (Newtons) |
---
### 2. Key Electronic Features
#### A. Logic Level Compatibility
Because the contacts are gold-plated, this switch is specifically designed for **logic-level circuits**. Unlike silver contacts, gold does not require a "cleansing arc" to break through oxidation, making it highly reliable for low-voltage, low-current signals (milliamps).
#### B. Process Sealed Construction
The switch features an internal o-ring and a sealed base. This allows the component to withstand **automated wave soldering** and **rigorous cleaning processes** (like alcohol-based solvents) without internal contamination.
#### C. Antistatic Design
The G3B series is engineered with high dielectric strength and carbon-filled actuators or bushings to dissipate static electricity, protecting sensitive CMOS devices on the PCB.
---
### 3. Physical Dimensions & Mounting
* **Size:** Extremely small footprint, saving PCB real estate.
* **Heat Resistance:** The housing is made of high-heat resistant resin (such as Polyphenylene Sulfide), allowing it to survive infrared (IR) reflow soldering temperatures.
* **Packaging (-YC):** The "YC" suffix typically refers to the packaging method, often indicating **Tape and Reel** packaging for automated pick-and-place assembly.
---
### 4. Common Applications
* Handheld medical devices.
* Telecommunications equipment.
* High-end consumer electronics (Reset or Mode buttons).
* Test and measurement instrumentation.
- ⤷
What is the difference between DPDT and SPDT in these switches?
- ⤷ Can this switch be used for high-voltage power applications?
- ⤷ What are the recommended reflow soldering temperature profiles for the G3B series?