GHB-3M35-R2
AI

The **GHB-3M35-R2** is a high-performance, compact **Surface Mount (SMT) LED** manufactured by **American Bright Optoelectronics**. It is part of their High-Bright Blue LED series, commonly used in indicators, backlighting, and automotive applications.
---
## Technical Specifications
The following table outlines the key electrical and optical characteristics of the GHB-3M35-R2:
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Emitted Color** | Blue | - |
| **Material** | InGaN (Indium Gallium Nitride) | - |
| **Wavelength (Peak)** | 465 - 475 | nm |
| **Forward Voltage ($V_F$)** | 3.2 (Typ) / 3.8 (Max) | V |
| **Luminous Intensity** | 100 - 250 | mcd |
| **Viewing Angle** | 120 | Degrees |
| **Package Size** | 1206 (3.2 x 1.6 mm) | Metric |
| **Forward Current ($I_F$)** | 20 | mA |
---
## Key Features
* **High Efficiency:** Utilizes InGaN technology, which provides superior brightness at low power levels compared to older SiC-based blue LEDs.
* **Compact Footprint:** The 1206 package (3.2mm x 1.6mm) makes it ideal for densely packed PCB designs.
* **Wide Viewing Angle:** The 120-degree distribution ensures uniform light dispersion for backlighting applications.
* **Reliability:** Designed for standard reflow soldering processes and is RoHS compliant.
---
## Application Circuit (Example)
To drive this LED using a standard 5V microcontroller (like an Arduino) at 20mA, a current-limiting resistor is required.
**Calculation:**
$R = \frac{V_{source} - V_F}{I_F} \rightarrow R = \frac{5V - 3.2V}{0.02A} = 90 \Omega$
```cpp
// Schematic representation
[5V Supply] --- [91 Ohm Resistor] --- [Anode GHB-3M35-R2 Cathode] --- [GND]
```
---
## Comparison with Similar Parts
| Part Number | Color | Wavelength | Intensity |
| :--- | :--- | :--- | :--- |
| **GHB-3M35-R2** | Blue | 470nm | 180mcd |
| **GHR-3M35-R2** | Red | 630nm | 120mcd |
| **GHY-3M35-R2** | Yellow | 590nm | 110mcd |
- ⤷
What is the maximum operating temperature for the GHB-3M35-R2?
- ⤷ Are there alternative SMT package sizes available for this specific blue InGaN LED?
- ⤷ What is the recommended soldering profile for this component?