Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • GL10-R3811

  • AI
    The **GL10-R3811** is a high-performance photoelectric proximity sensor from the **G10 product family** by SICK. It is designed for industrial automation, specifically for detecting objects over long distances using a reflex principle. --- ## 1. Technical Specifications The electronic components of the GL10-R3811 are engineered for versatility, allowing it to interface with both AC and DC power systems. | Feature | Specification | | :--- | :--- | | **Sensor Principle** | Photoelectric retro-reflective sensor | | **Detection Range** | 0.08 m ... 15 m (with PL80A reflector) | | **Supply Voltage** | 24 V AC/DC ... 240 V AC/DC | | **Output Type** | Relay, SPDT (Single Pole Double Throw) | | **Switching Mode** | Light/dark switching (selectable via wiring) | | **Switching Current** | Max. 3 A @ 250 V AC / 3 A @ 30 V DC | | **Response Time** | ≤ 10 ms | | **Connection Type** | Cable, 5-wire, 2 m (PVC) | --- ## 2. Key Electronic Components ### A. The Optical Emitter (PinPoint LED) Unlike standard LEDs, the GL10-R3811 uses **PinPoint technology**. * **Wavelength:** 625 nm (Visible red light). * **Benefit:** Produces a small, precise, and highly visible light spot. This makes alignment easy and allows for the detection of small parts even at long distances. ### B. The Universal Power Supply Unit One of the most significant electronic features is the **Multi-voltage capability**. * It contains an internal rectifier and regulator that accepts a wide range of voltages (**24V to 240V AC/DC**). * This eliminates the need for separate models for different power grids (US vs. EU) or machine standards. ### C. The Relay Output (Electromechanical) Instead of a transistor output (PNP/NPN), this model uses a **Relay**: * **Galvanic Isolation:** The switching circuit is electrically isolated from the sensor's power supply. * **High Load Handling:** It can directly switch motors, heavy-duty contactors, or high-wattage lamps without an intermediate relay. --- ## 3. Wiring and Pin Configuration The GL10-R3811 uses a 5-wire cable. Below is the electronic termination map: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | L1 / + | Power Supply (24-240V) | | **Blue** | N / - | Power Supply (Neutral/Common) | | **White** | Relay Common | The "Input" side of the switch | | **Black** | Relay NO | Normally Open contact | | **Gray** | Relay NC | Normally Closed contact | --- ## 4. Protection and Durability The internal electronics are protected by a rugged housing designed for harsh environments: * **Enclosure Rating:** IP67 (dust-tight and water-resistant). * **Circuit Protection:** Built-in interference suppression and reverse polarity protection. * **EMC Standards:** Tested according to EN 60947-5-2 for electromagnetic compatibility in industrial zones.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the GL10-R3811 and the GL10-P4211?
    • ⤷ Which reflectors are recommended for maximum range with this sensor?
    • ⤷ How do I switch between light-switching and dark-switching modes using the relay wires?