GL603USB-A
AI

The **GL603USB-A** is a specific electronic component typically identified as a **Micro-USB Type-B Female Socket** (though sometimes associated with specific USB-A adapters or custom PCB connectors). It is widely used in consumer electronics for power delivery and data transmission.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The GL603 series generally follows the standard physical and electrical parameters for high-retention USB connectors.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | USB Type-B Micro (5-Pin) / USB-A Variant |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (DIP) |
| **Current Rating** | 1.0A - 1.8A per contact |
| **Voltage Rating** | 30V AC/DC |
| **Contact Resistance** | ≤ 30mΩ |
| **Insulation Resistance** | ≥ 100MΩ |
| **Operating Temperature** | -20°C to +85°C |
---
### 2. Physical Components
The part is composed of four primary electronic materials:
1. **Housing:** Usually made of High-Temperature Thermoplastic (LCP or PA9T) to withstand reflow soldering temperatures.
2. **Contacts:** Copper Alloy (Phosphor Bronze) plated with **Gold** on the contact area for high conductivity and **Tin** on the solder tails for ease of assembly.
3. **Shell:** Stainless steel or Copper alloy with Nickel plating to provide EMI/RFI shielding and structural grounding.
4. **Retention Features:** Often includes "kinked" leads or side tabs to ensure the part remains seated on the PCB during the soldering process and resists mechanical stress during plugging.
---
### 3. Pinout Configuration
Standard GL603-style USB connectors follow the universal 5-pin layout:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VCC** | +5V Power Supply |
| 2 | **D-** | Data Minus |
| 3 | **D+** | Data Plus |
| 4 | **ID** | Identification (OTG logic) |
| 5 | **GND** | Ground |
---
### 4. Common Applications
* **Mobile Devices:** Charging ports for older smartphones and tablets.
* **Peripherals:** Power input for PC mice, keyboards, and external hard drive enclosures.
* **IoT Modules:** Powering ESP32 or Arduino-based development boards.
* **Power Banks:** Used as the recharge input port.
---
- ⤷
What is the footprint layout for the GL603USB-A on a PCB?
- ⤷ Can this part support USB 3.0 data speeds?
- ⤷ What are the recommended soldering temperature profiles for this component?