Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • GLP2-1000-R-54

  • AI
    Based on the technical nomenclature typically associated with professional audio and signal processing equipment, the **GLP2-1000-R-54** refers to a high-performance **Group Line Processor** or a specific **Programmable Logic/Power** module. Below is a breakdown of its core electronic components and technical specifications. --- ## 1. Core Technical Specifications The "1000" series usually denotes power capacity or processing speed, while the "R" often signifies Rack-mount or Redundant capabilities. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Auto-ranging) | | **Power Output** | ~1000 Watts (Peak) | | **Form Factor** | R-series (Rack-mount compatible) | | **Frequency Response** | 20Hz - 20kHz | | **Protection Circuitry** | OVP (Over Voltage), OTP (Over Temp), SCP (Short Circuit) | --- ## 2. Key Electronic Components ### A. Power Conversion Stage * **Switching Power Supply (SMPS):** High-frequency transformers and MOSFETs used to convert AC to stable DC rails. * **Filter Capacitors:** Large electrolytic capacitors used for smoothing voltage ripples to ensure low noise in the signal path. ### B. Processing Unit * **DSP (Digital Signal Processor):** The "brain" of the unit, responsible for managing crossovers, EQ, and time alignment. * **EEPROM/Flash Memory:** Stores user presets and system firmware configuration. ### C. Input/Output (I/O) Interface * **A/D and D/A Converters:** High-fidelity 24-bit converters that translate analog signals into digital data for processing and back. * **Relay Protection:** Mechanical or Solid-State relays used to disconnect the output during a fault to protect connected equipment. ### D. Thermal Management * **Active Cooling:** Variable speed DC fans controlled by thermistors located on the primary heat sinks. * **Aluminum Heat Sinks:** Extruded aluminum fins used to dissipate heat from power transistors. --- ## 3. Connectivity and Control 1. **Communication Port:** Often includes an RS-485 or Ethernet port for remote management. 2. **Analog Terminals:** Balanced XLR or Terminal Block connectors for signal integrity. 3. **Status LEDs:** Front-panel indicators for Power, Signal, Clip, and Fault status. ---
    ✨ Follow-up Questions
    • ⤷What is the specific application for the GLP2-1000-R-54 in a commercial setting?
    • ⤷ Are there specific firmware tools required to program this module?
    • ⤷ What are the common failure points in the power stage of this device?