GLP2-125-R-54
AI

The **GLP2-125-R-54** is a high-precision linear potentiometer (often referred to as a "pencil-type" displacement sensor) manufactured by **Gefran**. It is designed to measure absolute linear displacement by converting mechanical movement into a proportional electrical signal.
---
### 1. Core Technical Specifications
The electronic performance of this part is characterized by its high linearity and resistive track technology.
| Feature | Specification |
| :--- | :--- |
| **Model Series** | GLP (Pencil type) |
| **Nominal Stroke** | 125 mm |
| **Resistance (Rt)** | 5 kΩ (standard for this length) |
| **Linearity Tolerance** | ± 0.05% |
| **Resistance Tolerance** | ± 20% |
| **Repeatability** | < 0.01 mm |
| **Max Supply Voltage** | 60 V |
| **Output Type** | Analog (Potentiometric) |
| **Protection Class** | IP54 (Dust and splash proof) |
---
### 2. Key Electronic Components & Design
#### A. Conductive Plastic Track
The "heart" of the GLP2-125 is a **conductive plastic resistive element**. Unlike wire-wound potentiometers, conductive plastic provides:
* **Infinite Resolution:** Because the surface is smooth, the electrical change is continuous rather than stepped.
* **Long Life:** It typically lasts for >100 million cycles because the friction is minimal.
#### B. Multi-finger Wiper
To ensure a stable electrical output even under vibration, the internal "wiper" (the part that moves along the resistance track) uses a multi-finger contact system. This reduces electrical noise (contact resistance variation) and ensures signal integrity.
#### C. Electrical Connections
The sensor operates as a **voltage divider**.
* **Terminal 1 & 3:** Connected to the ends of the resistive track (Excitation voltage).
* **Terminal 2:** The wiper output (Signal).
* **Recommended Current:** The wiper current should be kept as low as possible (typically < 0.1 µA) to prevent thermal damage to the plastic track.
---
### 3. Protection and Build (IP54)
The **"54"** in the part number refers to the **IP Rating**:
* **5:** Protected against limited dust ingress.
* **4:** Protected against water splashes from any direction.
* The electronic internals are housed in an anodized aluminum case to provide electromagnetic shielding and physical protection.
---
### 4. Typical Application Circuit
The sensor is generally used in a ratiometric configuration:
```text
V_in (+) ----[ Terminal 1 ]
|
|----[ Terminal 2 (Output Signal) ]
|
V_in (-) ----[ Terminal 3 ]
```
*Note: The output voltage is directly proportional to the position of the rod.*
- ⤷
What are the mounting requirements for the GLP2-125-R-54?
- ⤷ How does IP54 compare to IP67 for this specific sensor series?
- ⤷ What is the recommended interface circuit to read this sensor with a PLC?