GLP2-215-R-54
AI

The **GLP2-215-R-54** is a specialized electronic component typically associated with high-precision sensing and linear motion control. It belongs to a category of **Linear Potentiometers** (often part of a series like those produced by Gefran or similar industrial automation brands).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number indicates specific mechanical and electrical traits:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Linear Potentiometer (Transducer) |
| **Stroke Length** | 215 mm (indicated by "215") |
| **Resistance** | Typically 5kΩ or 10kΩ (model dependent) |
| **Output Type** | Analog (Ratiometric Voltage) |
| **Environmental Rating** | IP54 (indicated by "54") |
### 2. Electronic Operating Principles
The device operates as a **voltage divider**. It consists of a high-resolution conductive plastic track and a wiper assembly.
* **Ratiometric Output:** As the shaft (actuator) moves, the resistance between the wiper and the end terminals changes proportionally. When a reference voltage ($V_{in}$) is applied, the output voltage ($V_{out}$) provides an absolute position reading.
* **Linearity:** These parts are known for high independent linearity (typically $\pm0.05\%$ to $0.1\%$), meaning the electrical output is extremely faithful to the physical displacement.
* **Infinite Resolution:** Because it uses a conductive plastic element rather than a wire-wound element, the resolution is theoretically infinite, limited only by the noise of the acquisition system.
### 3. Key Electronic Parts & Materials
The internal construction involves several critical electronic materials:
1. **Conductive Plastic Track:** The heart of the unit. It provides a smooth surface for the wiper, ensuring a long life (often up to 100 million cycles) and low noise.
2. **Wiper Assembly:** Usually made of precious metal alloys (multi-finger brushes) to maintain consistent contact and minimize "contact resistance variation."
3. **Connection Terminals:** Standard 3-pole configurations (Input, Output, Ground).
4. **Housing:** Often anodized aluminum to provide EMI (Electromagnetic Interference) shielding for the internal signal.
### 4. Technical Pinout (Typical)
Most sensors in this series follow a standard 3-wire industrial pinout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | $V_{in}$ (-) | Negative supply or Ground |
| **2** | Signal | Wiper output (Variable Voltage) |
| **3** | $V_{in}$ (+) | Positive supply (usually 5V, 10V, or 24V DC) |
---
### 5. Protection & Environmental (The "54" Suffix)
The **54** in the part number refers to the **IP54 protection rating**:
* **Dust Protection:** Protected against dust ingress that could interfere with the electronic track.
* **Liquid Protection:** Protected against water splashes from any direction.
* **Sealing:** This involves internal O-rings and felt seals on the shaft to prevent contaminants from reaching the conductive element.
- ⤷What is the maximum operating voltage for the GLP2-215-R-54?
- ⤷ How does IP54 differ from IP67 in linear transducers?
- ⤷ What are the common failure modes of conductive plastic potentiometers?