GMD-1.25-R
AI

The **GMD-1.25-R** is a specific type of electronic component, primarily classified as a **Time-Delay Glass Tube Fuse**. It is manufactured by Eaton (formerly Bussmann) and belongs to the GMD series.
---
### 1. Key Technical Specifications
The following table outlines the electrical and physical characteristics of the GMD-1.25-R:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 1.25 Amperes (1.25A) |
| **Voltage Rating (AC)** | 250 Volts |
| **Fuse Type** | Time-Delay (Slow-Blow) |
| **Body Material** | Glass Tube |
| **Dimensions** | 5mm x 20mm |
| **Interrupt Rating** | 100A at 250Vac |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Deep Dive into Component Parts
#### A. The Fuse Element
The internal wire is engineered to be a **Time-Delay (T)** element. Unlike "Fast-Acting" fuses that blow instantly upon reaching the threshold, the GMD-1.25-R allows for temporary "inrush" currents. This is crucial for inductive loads like motors or power supplies that draw a high initial current.
#### B. The Housing (Glass Tube)
The transparent glass body allows for easy visual inspection. If the fuse has blown due to a massive short circuit, the glass may appear charred; if it was a slow overcurrent, the wire may simply be broken.
#### C. End Caps
The metal end caps are nickel-plated brass. These ensure high conductivity and a secure fit into fuse clips or holders.
#### D. The "-R" Suffix
In the Eaton/Bussmann catalog, the **-R** indicates that the part is lead-free and complies with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Common Applications
Due to its 1.25A rating and slow-blow characteristics, this fuse is commonly found in:
* **Power Supplies:** Protecting the input stage from surges.
* **Consumer Electronics:** Used in CRT monitors, audio amplifiers, and household appliances.
* **Industrial Controls:** Protecting small control transformers.
---
### 4. Safety and Replacement
When replacing a GMD-1.25-R, ensure the replacement matches:
1. **Amperage:** Must be exactly 1.25A.
2. **Speed:** Must be "Time-Delay" (marked as 'T' or 'Slo-Blo'). Do not replace with a Fast-Acting fuse, as it will likely blow immediately upon startup.
3. **Voltage:** The replacement must be rated for at least 250V.
- ⤷
What is the difference between GMD and GMA series fuses?
- ⤷ How can I test a GMD-1.25-R fuse using a multimeter?
- ⤷ Can I use a 1.25A fast-acting fuse if I don't have a slow-blow one?