GMD-250-R
AI

The **GMD-250-R** is a specific model of a time-delay (slow-blow) glass tube fuse manufactured by Eaton (Bussmann Series). It is designed to protect electronic circuits from overcurrent conditions without tripping during temporary power surges.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Series** | GMD Series |
| **Current Rating** | 250mA (0.25 Amps) |
| **Voltage Rating (AC)** | 250 VAC |
| **Interrupting Rating** | 35A at 250VAC / 10,000A at 125VAC |
| **Fuse Type** | Time-Delay / Slow-Blow |
| **Body Material** | Glass Tube |
| **End Cap Material** | Nickel-plated Brass |
| **Dimensions** | 5mm x 20mm |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
## Key Electronic Characteristics
### 1. Time-Delay Functionality
Unlike "Fast-Acting" fuses, the GMD-250-R is engineered to withstand brief surges in current (inrush current). This is crucial for inductive loads like small motors or power supplies where a high initial current is required to start the device.
### 2. The "-R" Suffix
In the Eaton/Bussmann catalog, the **-R** suffix stands for **RoHS Compliance**. This indicates that the fuse is manufactured without hazardous substances like lead, making it suitable for modern environmentally regulated electronic assembly.
### 3. Construction Materials
* **Glass Body:** Allows for visual inspection to see if the internal filament has melted (blown).
* **Filament:** Often designed with a "T-coil" or a weighted element to achieve the time-delay thermal characteristic.
---
## Typical Applications
Because of its low current rating (250mA) and time-delay nature, this fuse is commonly found in:
* Primary protection for small transformers.
* Power supply units for consumer electronics.
* Industrial control circuits.
* Medical instrumentation.
- ⤷
What is the difference between GMD and GMC fuse series?
- ⤷ How do I test if a GMD-250-R fuse is blown using a multimeter?
- ⤷ Can I replace a fast-acting 250mA fuse with this GMD-250-R model?