GMD-300-R
AI

The **GMD-300-R** is a high-performance, rack-mounted digital radio gateway and communication interface commonly used in industrial, marine, and emergency communication systems. It is designed to bridge analog radio signals with digital IP networks (RoIP - Radio over IP).
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Electronic Components
| Component Type | Description |
| :--- | :--- |
| **Main Processor** | High-speed ARM-based microcontroller or DSP for real-time voice processing and packetization. |
| **ADC/DAC** | High-fidelity Analog-to-Digital and Digital-to-Analog converters for clear voice conversion. |
| **Network Controller** | Integrated Ethernet controller (usually 10/100 Mbps) for IP connectivity. |
| **Audio Interface** | Balanced/Unbalanced audio input/output circuits with noise suppression filters. |
| **Logic Controller** | FPGA or CPLD for managing PTT (Push-To-Talk) signaling and COR (Carrier Operated Relay) logic. |
---
### 2. Functional Interface Breakdown
The electronics are divided into three primary functional blocks:
#### A. Radio Interface (Analog Side)
* **PTT Control:** Solid-state relays or opto-isolators that trigger the radio's transmitter.
* **Audio Matching:** Transformers and operational amplifiers (Op-Amps) to match impedance between the radio and the gateway.
* **Signal Detection:** Circuits to detect busy channels (COR) and transmit indicators.
#### B. IP Processing (Digital Side)
* **Vocoders:** Software/Hardware codecs (like G.711 or G.729) that compress audio for network transmission.
* **Buffer Memory:** RAM used for jitter buffering to ensure smooth audio playback over unstable networks.
* **Firmware Storage:** Flash memory containing the web-based management interface and protocol stacks (SIP, RTP).
#### C. Power Management
* **Input:** Typically supports wide DC ranges (e.g., 12V to 24V DC).
* **Protection:** Includes Transient Voltage Suppressors (TVS) and fuses to protect sensitive internal logic from power surges common in radio environments.
---
### 3. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Mounting** | 19-inch Rack Mount (1U) |
| **Communication Protocols** | SIP, RoIP, RTP/RTCP |
| **Connector Types** | RJ-45 (Network), DB-9 or Terminal Blocks (Radio) |
| **Audio Bandwidth** | 300Hz to 3.4kHz (Standard Voice Grade) |
| **Operating Temp** | -10°C to +60°C |
---
### 4. Typical Wiring Logic
```c
[ Radio Unit ] <---> [ GMD-300-R Interface ] <---> [ IP Network / Server ]
| | |
(Audio/PTT) (Digital Conversion) (Data Packets)
```
- ⤷What are the specific pinouts for the GMD-300-R radio interface?
- ⤷ Does the GMD-300-R support Power over Ethernet (PoE)?
- ⤷ How is the web-based configuration accessed for this model?