GMD-315-R
AI

The **GMD-315-R** is a specific model of a **Time-Delay Glass Tube Fuse**. These components are critical safety devices used to protect electronic circuits from overcurrent conditions.
---
## 1. Technical Specifications
The model name follows the industry standard nomenclature for Bel Fuse or Cooper Bussmann (Eaton) series.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | GMD-315-R |
| **Current Rating** | 315 mA (0.315 Amps) |
| **Voltage Rating** | 250V AC |
| **Fuse Type** | Time-Delay / Slow-Blow (T) |
| **Dimensions** | 5mm x 20mm |
| **Material** | Glass Body, Nickel-plated Brass End Caps |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
## 2. Key Electronic Characteristics
### Time-Delay (Slow-Blow) Function
The "GMD" series is characterized by its **Time-Delay** property. Unlike "Fast-Acting" fuses, this part is designed to withstand temporary surges in current (inrush current) without blowing. This is essential for devices like motors or power supplies that draw a large amount of power for a split second when first turned on.
### Interrupting Rating
This fuse typically has an interrupting rating (breaking capacity) of:
* **35A at 250V AC**
* **10,000A at 125V AC**
This determines the maximum fault current the fuse can safely stop without physically exploding or arcing.
### The "-R" Suffix
In modern electronics manufacturing, the suffix **-R** specifically denotes that the part is **RoHS Compliant** (Restriction of Hazardous Substances). This means the lead content in the solder and the plating on the end caps are within environmentally safe limits.
---
## 3. Common Applications
Due to its 315mA rating and slow-blow nature, this part is frequently found in:
1. **Consumer Electronics:** Power adapters and small appliances.
2. **Industrial Controls:** Protecting delicate PLCs or sensors from minor spikes.
3. **Audio Equipment:** Amplifiers and high-end audio gear where startup surges are common.
---
- ⤷
What is the difference between GMD and GMC series fuses?
- ⤷ How do I test if a GMD-315-R fuse is blown using a multimeter?
- ⤷ Can I replace a 315mA fuse with a 500mA fuse safely?