AI

The **GOGNE02** refers to a specific logic control board (PCB) typically used in **T-Con (Timing Controller)** units for LCD/LED display panels. These boards act as the "brains" of the display panel, translating the LVDS/V-by-One video signal from the main motherboard into data that the panel's source and gate drivers can understand.
Below is a breakdown of the typical electronic components found on a GOGNE02 board and their functions.
---
### Key Electronic Components
| Component Type | Common Part Label | Function |
| :--- | :--- | :--- |
| **Main T-Con Processor** | TCON / ASIC | Processes video data, manages timing signals, and handles frame rate conversion. |
| **EEPROM/Flash Memory** | 24C / 25Q Series | Stores firmware, panel configuration data, and EDID (Extended Display Identification Data). |
| **PMIC (Power Management)** | PMU / DC-DC | Converts input voltage (usually 12V) into VGH, VGL, AVDD, and VCC for the panel. |
| **Gamma Buffer IC** | Gamma / AS15 | Corrects the luminance levels to ensure colors are displayed accurately on the screen. |
| **MLCC Capacitors** | C1, C2, etc. | High-frequency filtering and decoupling to stabilize voltage rails. |
| **LVDS Connector** | Input Port | Receives the digital signal from the TV or Monitor's mainboard. |
---
### Technical Specifications & Architecture
#### 1. Signal Processing
The GOGNE02 utilizes a High-Speed LVDS interface. It performs **Overdrive** (to reduce motion blur) and **Dithering** (to simulate more colors on a 6-bit or 8-bit panel).
#### 2. Power Rail Generation
The DC-DC converter section is critical. If these voltages are missing, the screen will likely remain black or show a white "washout" effect:
* **VGH (Gate High):** ~25V to 30V (Turns on the TFT pixels).
* **VGL (Gate Low):** ~ -5V to -10V (Turns off the TFT pixels).
* **AVDD (Analog VDD):** ~15V (Source driver power).
#### 3. Protection Circuits
The board contains SMD fuses (usually marked with 'F' or 'P') near the input connector. If the board receives a surge, the fuse blows to protect the LCD glass.
---
### Common Failure Symptoms
If electronic parts on the GOGNE02 fail, you may encounter the following:
1. **Solarization:** Images look like a film negative (Faulty Gamma IC).
2. **No Image / Backlight On:** Power is reaching the LEDs, but no data is reaching the pixels (Blown Fuse or PMIC failure).
3. **Vertical Lines:** Often a timing issue or a physical connection issue between the GOGNE02 and the panel COF (Chip on Flex).
- ⤷
What are the typical voltage readings for a GOGNE02 board during operation?
- ⤷ How can I test the Gamma IC on this specific T-Con board?
- ⤷ Are there compatible replacement boards for the GOGNE02?