Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • GS06E

  • AI
    The **GS06E** series (specifically manufactured by Mean Well) represents a line of high-reliability, 6-watt green medical adapters. These are wall-mounted power supplies designed to meet international medical safety standards. Below is a detailed breakdown of its electronic specifications and features. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 90 ~ 264VAC (Universal) | | **Output Power** | 6 Watts (Maximum) | | **Efficiency** | Up to 82% (Energy Star Level VI compliant) | | **Leakage Current** | Extremely low (< 50µA) | | **Safety Standard** | ANSI/AAMI ES60601-1 / EN60601-1 (2 x MOPP) | | **No Load Consumption** | < 0.075W (Energy saving) | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the GS06E is optimized for safety and medical isolation: * **Isolation Barrier (2 x MOPP):** The device features "Means of Patient Protection." This means the transformer and internal spacing provide double insulation between the high-voltage AC input and the low-voltage DC output to prevent electric shock to patients. * **PWM Control IC:** It utilizes a high-frequency Pulse Width Modulation controller to maintain stable voltage regulation even during fluctuations in the power grid. * **Input Filter:** Includes an EMI filter to suppress electromagnetic interference, ensuring the device does not interfere with sensitive medical equipment like ECG monitors. * **Capacitors:** Uses high-temperature (105°C) electrolytic capacitors to ensure a long lifespan and reliability under continuous load. --- ### 3. Electronic Protection Features The GS06E incorporates several "Self-Healing" protection mechanisms: 1. **Short Circuit Protection:** The unit enters "Hiccup mode" if a short is detected and recovers automatically once the fault is removed. 2. **Overload Protection:** If the power draw exceeds ~110-150% of the rated power, the unit limits output to prevent internal component damage. 3. **Overvoltage Protection:** Clamps the output voltage (usually via a Zener diode or feedback loop) if the internal regulation fails, protecting the connected medical device. --- ### 4. Output Options The GS06E comes in various models defined by their output voltage: | Model Number | Output Voltage | Output Current | | :--- | :--- | :--- | | **GS06E-1P1J** | 5V DC | 1.00A | | **GS06E-2P1J** | 9V DC | 0.66A | | **GS06E-3P1J** | 12V DC | 0.50A | | **GS06E-8P1J** | 48V DC | 0.125A | --- ### 5. Physical Characteristics * **Plug Type:** European 2-pin (Type C). * **LED Indicator:** Usually features a power-on LED. * **Enclosure:** Fully enclosed plastic case (UL 94V-0 rated flame retardant).
    ✨ Follow-up Questions
    • ⤷ What is the difference between 2 x MOPP and 2 x MOOP in medical power supplies?
    • ⤷ Can the GS06E be used for non-medical electronic projects?
    • ⤷ How does the 'Hiccup mode' protection work in power circuits?