GS06U
AI

The **GS06U** is a series of compact, wall-mounted AC-to-DC external switching power supplies (adapters) manufactured by **Mean Well**. These are typically used for low-power consumer electronics and industrial equipment.
---
### 1. Key Technical Specifications
The "06" in the model name signifies a **6-Watt** power rating. Below is a breakdown of the primary electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 90 ~ 264 VAC (Universal Input) |
| **Output Power** | 6 Watts Max |
| **Voltage Options** | 5V, 7.5V, 9V, 12V, 15V, 18V, 24V DC |
| **Plug Type** | Type A (US 2-Pin, Non-Polarized) |
| **Efficiency** | Meets Level VI Energy Efficiency standards |
| **No Load Consumption** | < 0.075W (extremely low standby power) |
---
### 2. Internal Electronic Components
While the device is a sealed unit, its internal architecture follows a standard high-efficiency **Switch-Mode Power Supply (SMPS)** topology:
* **Input Protection:** Includes an internal fuse and a thermistor to protect against overcurrent and inrush surges.
* **EMI Filter:** Integrated components to suppress electromagnetic interference, ensuring compliance with FCC Part 15 Class B.
* **PWM Controller:** A dedicated Integrated Circuit (IC) that regulates the switching frequency to maintain stable output voltage despite fluctuations in load.
* **Isolation Transformer:** Provides high-voltage isolation between the AC input and the DC output (typically tested up to 4242VDC).
* **Rectification & Filtering:** High-grade electrolytic capacitors are used to smooth the DC output and reduce ripple/noise.
---
### 3. Protection Circuitry
The GS06U series is designed with several "auto-recovery" protection layers to prevent damage to the connected device:
1. **Short Circuit Protection:** The unit shuts down during a short and recovers once the fault is removed.
2. **Overload Protection:** Limits the output current to roughly 110-250% of the rated capacity.
3. **Overvoltage Protection:** Clamps the output voltage if the internal feedback loop fails.
---
### 4. Physical Interface
* **DC Plug:** Usually comes with a standard 2.1mm x 5.5mm x 11mm center-positive barrel jack (tuning fork type).
* **Cable:** 1.2 meters to 1.8 meters of UL2468 rated wire.
- ⤷
What are the specific output current ratings for the 5V and 12V versions of the GS06U?
- ⤷ How does 'Level VI' efficiency impact the electronic design of this adapter?
- ⤷ Can the GS06U be used for medical applications
- ⤷ or is it strictly for industrial use?