GS220A24-R7B
AI

The **GS220A24-R7B** is a high-efficiency, industrial-grade AC/DC desktop power adapter manufactured by **Mean Well**. It is part of the GS220 series, designed to provide a stable 24V DC output for various electronic applications.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Mean Well |
| **Output Voltage** | 24V DC |
| **Output Current** | 9.2A |
| **Rated Power** | 221W |
| **Input Voltage Range** | 90 ~ 264VAC (Universal) |
| **Efficiency** | ~92.5% |
| **Connector Type** | Power DIN 4-Pin with lock (R7B) |
| **Safety Standards** | UL62368-1, CSA C22.2, TUV EN62368-1 |
---
### 2. Electronic Component Breakdown
The internal architecture of the GS220A24-R7B consists of several critical stages:
#### A. Input Protection and Filtering
* **EMI Filter:** A combination of X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the AC line.
* **NTC Thermistor:** Limits inrush current during the initial power-on phase to protect the internal bridge rectifier.
* **Fuse:** Provides over-current protection in case of internal component failure.
#### B. Active Power Factor Correction (PFC)
* The unit features a **Built-in Active PFC function**. This circuitry ensures that the current waveform is in phase with the voltage waveform, leading to a high Power Factor (PF > 0.91). This reduces energy waste and harmonic distortion.
#### C. Switching Stage (PWM Control)
* Uses a Pulse Width Modulation (PWM) controller to drive high-voltage MOSFETs. These switch the DC-rectified input at high frequencies through a power transformer, allowing for a smaller form factor compared to traditional linear power supplies.
#### D. Secondary Rectification and Filtering
* **Schottky Rectifiers:** High-speed diodes convert the high-frequency AC from the transformer back into DC.
* **Low ESR Electrolytic Capacitors:** These smooth the output voltage ripple to ensure a stable 24V delivery to the load.
#### E. Protection Circuits
The unit includes integrated ICs that monitor performance and shut down the device during faults:
1. **Short Circuit Protection (SCP):** Auto-recovery after fault removal.
2. **Overload Protection (OLP):** Limits current to 105% ~ 135% of rated output.
3. **Over Voltage Protection (OVP):** Shuts down if output exceeds ~30V.
4. **Over Temperature Protection (OTP):** Shuts down the unit if internal temperatures exceed safe limits.
---
### 3. Connector Pinout (R7B Type)
The **R7B** suffix specifically refers to the 4-pin Power DIN connector. The pin configuration is typically as follows:
| Pin Number | Function |
| :--- | :--- |
| **1, 2** | +24V DC Output |
| **3, 4** | Ground (Return) |
| **Shell** | FG (Frame Ground) |
---
### 4. Application Use Cases
Due to its high wattage and 24V output, this part is commonly used for:
* Large POS terminals.
* Industrial automation equipment.
* 3D printers and CNC hobbyist machines.
* Telecommunication networking devices.
- ⤷What is the difference between the R7B and the standard P1M connector?
- ⤷ Can this power supply be used in medical applications?
- ⤷ How does active PFC improve the efficiency of this specific model?