GSA-1.25-R
AI

The **GSA-1.25-R** is an electronic component primarily classified as a **Wire-to-Board Connector Terminal**. It belongs to a common connector family utilized in high-density electronic assemblies where space is a constraint.
---
### ## Technical Specifications
The following table outlines the typical electrical and physical characteristics of the GSA-1.25-R connector series:
| Property | Specification |
| :--- | :--- |
| **Pitch (Spacing)** | 1.25 mm |
| **Current Rating** | 1.0A AC/DC |
| **Voltage Rating** | 125V AC/DC |
| **Contact Resistance** | 20 mΩ Max |
| **Insulation Resistance** | 100 MΩ Min |
| **Operating Temperature** | -25°C to +85°C |
| **Wire Size Compatibility** | AWG #28 to #32 |
| **Material** | Phosphor Bronze (Tin-plated) |
---
### ### Key Components and Construction
The "GSA-1.25-R" designation usually refers to the **crimp terminal** that fits into a plastic housing.
1. **Crimp Terminal:** The metallic part (Phosphor Bronze) that is crimped onto the end of a wire. The "R" often signifies **Reel** packaging for automated crimping machines.
2. **Housing (Matching Part):** A nylon plastic shell that holds multiple terminals.
3. **Header (Board side):** The male pins soldered to the PCB that the housing plugs into.
### ### Application Use-Cases
Due to its small 1.25mm pitch, this component is frequently found in:
* **Drones and RC Equipment:** Connecting flight controllers to peripherals.
* **LCD Displays:** Internal signal wiring for backlight or data.
* **Consumer Electronics:** Smart home devices and portable speakers.
* **Industrial Sensors:** Where small-form factor data transmission is required.
---
### ### Comparison with Similar Connectors
| Feature | GSA 1.25 | JST-SH (1.0mm) | JST-PH (2.0mm) |
| :--- | :--- | :--- | :--- |
| **Density** | Medium | Very High | Low |
| **Durability** | Moderate | Delicate | Robust |
| **Ease of Hand Crimping** | Difficult | Very Difficult | Easy |
- ⤷
What is the difference between GSA-1.25-R and Molex PicoBlade connectors?
- ⤷ Which crimping tool is recommended for AWG #30 wire with this terminal?
- ⤷ Is there a gold-plated version of the GSA-1.25-R for better conductivity?