GSA-1.6-R
AI

The **GSA-1.6-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Wire-Wound Inductor** or a specialized **Automotive-Grade Chip Inductor**. These parts are designed for high-reliability power management and noise filtering applications.
---
### 1. Technical Specifications
Below are the typical technical parameters for a component in the GSA-1.6-R series:
| Parameter | Specification |
|:---|:---|
| **Inductance** | 1.6 µH (Microhenries) |
| **Tolerance** | ±20% (Standard) |
| **Current Rating (I-sat)** | ~2.5A - 4.0A (Depending on package size) |
| **DC Resistance (DCR)** | Low (typically < 50 mΩ) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Physical Construction
The "R" suffix often denotes specific characteristics such as **RoHS Compliance** or **Taped and Reeled** packaging for automated pick-and-place machines.
* **Core Material:** Usually Ferrite or Metal Alloy core to prevent electromagnetic interference (EMI).
* **Shielding:** Most GSA series components are **shielded**, meaning the magnetic flux is contained within the component to prevent it from affecting nearby sensitive circuits.
* **Termination:** Lead-free (Pb-free) tin plating over copper.
---
### 3. Key Electronic Functions
The GSA-1.6-R performs three primary roles in an electronic circuit:
1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing stable DC current to pass through.
3. **Voltage Smoothing:** It prevents sudden changes in current flow, ensuring a steady voltage supply to sensitive components like Microprocessors or FPGAs.
---
### 4. Common Applications
Due to its robust design, the GSA-1.6-R is found in the following environments:
* **Automotive Electronics:** Infotainment systems and ADAS modules.
* **Consumer Electronics:** Power supply modules for laptops and tablets.
* **Industrial:** DC-DC converter modules and motor control circuits.
---
### 5. Schematic Representation
In a circuit diagram, the part is represented as follows:
```text
L1 (Inductor)
----(nnnn)----
1.6µH
```
- ⤷
What are the equivalent alternative part numbers for the GSA-1.6-R?
- ⤷ How does the 'R' suffix affect the soldering profile for this component?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?