Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • GSA4-R

  • AI
    The **GSA4-R** is a specific electronic component commonly used in industrial automation, specifically within the **Autonics GSA series** of Slim I/O Terminal blocks. It functions primarily as a **Relay Terminal Block**, serving as a bridge between a PLC (Programmable Logic Controller) and various field devices (actuators, motors, valves). Below is a breakdown of its electronic characteristics and components. --- ## 1. Core Technical Specifications The GSA4-R is designed to optimize space in electrical panels while providing reliable switching capabilities. | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4-Channel (supports 4 independent I/O points) | | **Relay Type** | Typically uses **TAKEMISAVA (Fujitsu)** or **OMRON** slim power relays | | **Contact Composition** | 1c (SPDT - Single Pole Double Throw) | | **Rated Voltage** | 24VDC (Standard for most industrial control logic) | | **Load Current** | Up to 5A (depending on the specific relay installed) | | **Connection Type** | Screw terminal for field wiring; Ribbon cable/Header for PLC | --- ## 2. Key Electronic Components The unit is not just a housing; it contains several integrated electronic parts to ensure safety and signal integrity: ### A. Integrated Relays The heart of the GSA4-R. These provide **galvanic isolation** between the low-power control circuit (PLC) and the high-power load circuit. This protects the PLC from voltage spikes or short circuits in the field. ### B. Status Indicators (LEDs) Each channel is equipped with a **Green or Red LED**. * **Function:** Visual diagnostic tool to show when the input signal is active and the relay coil is energized. ### C. Protection Circuitry (Diodes) * **Freewheeling/Flyback Diodes:** Connected across the relay coils to suppress Back-EMF (voltage spikes) generated when the relay turns off. * **Reverse Polarity Protection:** Prevents damage if the 24VDC input power is wired backward. ### D. PCB & Terminals * **Rising Clamp Terminals:** High-quality screw connectors designed to prevent wire loosening due to vibration. * **Removable Relays:** The PCB includes sockets that allow for individual relay replacement without de-wiring the entire block. --- ## 3. Wiring and Interface The GSA4-R typically utilizes two distinct sides for its electronic interface: 1. **Input Side (Controller):** Uses a multi-pin connector (often a 10-pin or 20-pin flat cable header) to connect directly to PLC Output modules. 2. **Output Side (Field):** Features a 1:1 terminal mapping where each relay's Common (COM), Normally Open (NO), and Normally Closed (NC) contacts are accessible via screw terminals. --- ## 4. Advantages in Electronic Design * **Space Efficiency:** The "Slim" design allows for high-density mounting on DIN rails. * **Maintenance:** The use of **Relay Removal Levers** makes it easy to swap a failed relay without using tools. * **Interfacing:** Simplifies complex wiring harnesses into organized, labeled terminal points.
    ✨ Follow-up Questions
    • ⤷What is the difference between the GSA4-R and the G6B series relay blocks?
    • ⤷ Can the GSA4-R be used with AC input signals?
    • ⤷ What is the maximum switching frequency for the GSA4-R relays?