GST220A20-R7B
AI

The **GST220A20-R7B** is a high-reliability, 220W industrial-grade AC/DC power adapter manufactured by **Mean Well**. It is commonly used for telecommunications, industrial equipment, and high-end consumer electronics.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 20V DC |
| **Output Current** | 11A |
| **Rated Power** | 220 Watts |
| **Input Voltage Range** | 85 ~ 264VAC (Universal) |
| **Efficiency** | Up to 93.5% |
| **Connector Type** | Power DIN 4-Pin with lock (R7B) |
| **Operating Temperature** | -30 ~ +70°C |
| **No Load Power Consumption** | < 0.15W |
---
### 2. Core Electronic Components & Design
The internal architecture of the GST220A20-R7B is designed for energy efficiency and safety:
* **Active PFC (Power Factor Correction):** It features a built-in active PFC circuit (PF > 0.94). This reduces harmonic current distortion and improves the efficiency of power drawn from the AC grid.
* **Protection Circuitry:**
* **Overload Protection:** Limits current output to prevent damage during a short circuit.
* **Overvoltage Protection:** Shuts down the unit if the output exceeds ~21-27V.
* **Over-temperature Protection:** Uses a thermistor to monitor internal heat, triggering a shutdown if safe limits are exceeded.
* **EMI Filtering:** Includes a robust input filter stage to comply with **EN55032 Class B** standards, minimizing electromagnetic interference with other electronics.
* **Class I Power Unit:** It is a 3-pole AC inlet (IEC320-C14) design, meaning it utilizes a safety ground (Earthing).
---
### 3. Connector Pinout (R7B Type)
The "R7B" suffix refers to the specific 4-pin Power DIN connector. This is a locking connector designed to prevent accidental disconnection.
| Pin Number | Assignment |
| :--- | :--- |
| **Pin 1 & 2** | + Vout (20V) |
| **Pin 3 & 4** | - Vout (GND) |
| **Shell** | FG (Frame Ground) |
---
### 4. Certifications
This part is highly regarded due to its compliance with international standards:
* **Level VI Efficiency:** Meets the latest energy-saving requirements (DoE Level VI).
* **Safety Standards:** UL62368-1, TUV EN62368-1, and BSMI CNS14336.
- ⤷
What are the compatible AC power cord types for the C14 inlet on this model?
- ⤷ Can this power supply be used for charging high-capacity lithium batteries?
- ⤷ What are the physical dimensions and weight of the GST220A series?