GU2-R-D-US
AI

The **GU2-R-D-US** refers to a high-performance **Solid State Relay (SSR)**, typically manufactured by Panasonic (under the PhotoMOS line). These components are designed to replace traditional electromechanical relays in high-precision testing and measurement equipment.
---
### Technical Specifications
Below are the primary electronic characteristics for the GU2-R-D-US series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Package Type** | DIP / Surface Mount (SMD) |
| **Contact Form** | 1 Form A (Normally Open) |
| **Load Voltage** | 350V - 400V AC/DC |
| **Load Current** | 100mA - 120mA |
| **Isolation Voltage** | 1,500V AC |
| **Output Type** | MOSFET |
| **Input Type** | LED (Low current drive) |
---
### Key Internal Components
The GU2-R-D-US operates using optical isolation technology. It consists of three main internal stages:
1. **Input Stage (LED):**
- Contains an Infrared LED. When a small DC current passes through the input side, the LED emits light.
2. **Isolation Barrier:**
- A physical transparent silicone resin that allows light to pass but blocks electrical high voltage, protecting the control circuit.
3. **Output Stage (Photo-sensitive MOSFET):**
- A solar cell array receives the light and converts it into a voltage to drive two MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) that switch the load.
---
### Key Features & Benefits
* **High Reliability:** No moving parts means no mechanical wear, resulting in a virtually infinite switching life.
* **Low On-Resistance:** Optimized for minimal signal distortion, making it ideal for telecommunications and instrumentation.
* **Quiet Operation:** Unlike mechanical relays, there is no "clicking" noise.
* **Compact Design:** The "US" suffix often denotes a reinforced or specific small-outline package designed for high-density PCB layouts.
---
### Common Applications
* **Modems and Telephony:** Used for hook-switching and ring detection.
* **Measurement Equipment:** High-speed scanning and data acquisition systems.
* **Security Systems:** Controlling alarms and sensors without mechanical failure risks.
* **Medical Electronics:** Providing high isolation for patient safety.
- ⤷
What is the difference between this PhotoMOS relay and a standard electromechanical relay?
- ⤷ How do I calculate the series resistor required for the input LED?
- ⤷ Can the GU2-R-D-US handle AC and DC loads simultaneously?