GWIXP425ADT
AI

The **Intel IXP425 (GWIXP425ADT)** belongs to the IXP42x product line of network processors. These chips were designed based on the **Intel XScale microarchitecture** (compliant with ARM v5TE) and were widely used in networking equipment like gateways, routers, and industrial controllers.
Below is a breakdown of the electronic components and specifications associated with this part.
---
### 1. Technical Specifications
The GWIXP425ADT is characterized by its integration of a high-performance CPU core with specialized hardware accelerators.
| Feature | Specification |
| :--- | :--- |
| **Core Architecture** | Intel XScale (ARMv5TE compliant) |
| **Clock Speed** | Typically 266 MHz to 533 MHz |
| **Instruction Cache** | 32 KB |
| **Data Cache** | 32 KB |
| **Memory Controller** | SDRAM (up to 256MB), 100/133 MHz |
| **Package Type** | 492-pin PBGA (Plastic Ball Grid Array) |
| **Operating Voltage** | 1.3V (Core), 3.3V (I/O) |
---
### 2. Key Internal Functional Blocks
The "ADT" variant includes specific hardware features for networking and security:
* **Network Processor Engines (NPEs):** Three dedicated co-processors that handle Ethernet MAC filtering, ATM cell processing, and HSS (High-Speed Serial) tasks to offload the main CPU.
* **Cryptography Accelerator:** Hardware-based encryption/decryption supporting DES, 3DES, and AES (crucial for VPN and Secure Gateway applications).
* **PCI Controller:** A 32-bit, 33/66 MHz PCI 2.2 host interface for connecting external peripherals like Wi-Fi cards or extra Ethernet controllers.
* **Peripheral Interfaces:**
* **UARTs:** Dual high-speed UARTs for console and data.
* **GPIO:** General Purpose I/O pins for custom signaling.
* **I2C/SMBus:** For managing onboard sensors or EEPROMs.
---
### 3. Application and Usage
The "GW" prefix often denotes "Gateway," indicating its target market. You will typically find this part on a PCB surrounded by the following support electronics:
1. **SDRAM Chips:** External memory used for system operations.
2. **Flash Memory:** (Parallel or Serial) to store the bootloader (like RedBoot) and the firmware (often Linux-based).
3. **Ethernet PHYs:** Transceivers that convert the NPE's digital signals into physical electrical signals for RJ45 ports.
4. **Voltage Regulators:** To step down power from a 12V/5V input to the 1.3V required by the XScale core.
---
### 4. Code Example (Register Access)
Programming the IXP425 often involves memory-mapped I/O to control the hardware accelerators. Below is a conceptual example in C for accessing a register:
```c
#define IXP425_GPIO_BASE 0xC8004000
#define IXP425_GPIO_GPOUTR (IXP425_GPIO_BASE + 0x00)
// Example: Setting a GPIO pin high
void set_gpio_high(int pin_mask) {
volatile unsigned int *reg = (unsigned int *)IXP425_GPIO_GPOUTR;
*reg |= pin_mask; // Write to the Output Register
}
```
---
- ⤷
What are the main differences between the IXP420 and the IXP425?
- ⤷ Is the Intel IXP425 still in active production or is it EOL?
- ⤷ Which Linux kernels provide the best support for the XScale IXP4xx architecture?