H1A113N-R
AI

The **H1A113N-R** is a specific part number typically associated with **RJ45 Connector Modules with Integrated Magnetics** (often called "MagJacks"). These components are essential in Ethernet networking hardware to provide physical connectivity, signal conditioning, and electrical isolation.
---
## 1. Component Overview
The H1A113N-R is a Single Port (1x1) Tab-Up RJ45 connector designed for high-speed data transmission. The "Integrated Magnetics" means that the transformers and common-mode chokes required for Ethernet are built directly into the metal housing of the connector.
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface** | RJ45 (8P8C) |
| **Speed** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle / Through-Hole |
| **Tab Direction** | Tab-Up |
| **LEDs** | Typically Green/Yellow (Check specific datasheet variant) |
| **Isolation Voltage** | 1500 Vrms (Minimum) |
| **Operating Temp** | 0°C to +70°C (Standard) |
---
## 2. Internal Electronic Structure
The "N-R" suffix often indicates RoHS compliance and specific internal wiring. Inside the metal shielding, you will find:
1. **Isolation Transformers:** Protects the sensitive PHY (Physical Layer) chip from voltage spikes and static electricity on the network cable.
2. **Common Mode Chokes:** Filters out Electromagnetic Interference (EMI) to ensure the device complies with FCC/CE radiation standards.
3. **Bob Smith Termination:** A resistor/capacitor network used to reduce noise on unused wire pairs and improve signal integrity.
4. **LEDs:** Integrated status indicators (Link and Activity) connected to the front of the jack.
---
## 3. Pinout and Mounting
The part uses a standard footprint for PCB (Printed Circuit Board) mounting.
* **Signal Pins:** 8 pins that connect to the Ethernet PHY chip.
* **LED Pins:** 4 pins (usually) to power the indicator lights.
* **Shield Tabs:** Metal "fingers" on the casing that ground the connector to the chassis/PCB to prevent interference.
---
## 4. Common Applications
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PC:** Embedded motherboards and Single Board Computers (SBCs).
* **IoT Gateways:** Devices requiring wired internet stability.
* **Consumer Electronics:** Smart TVs, game consoles, and set-top boxes.
- ⤷
What is the difference between Tab-Up and Tab-Down RJ45 connectors?
- ⤷ How does the integrated magnetics circuit differ from a discrete transformer setup?
- ⤷ What are the specific LED pin assignments for the H1A113N-R?