H5TC4G43BFR-RDA
AI

The **H5TC4G43BFR-RDA** is a high-performance, low-voltage synchronous dynamic random-access memory (DRAM) manufactured by **SK hynix**. It belongs to the DDR3L (DDR3 Low Voltage) SDRAM family.
---
## 1. Technical Specifications
The part number can be broken down into specific technical parameters that define its operation.
| Parameter | Specification |
| :--- | :--- |
| **Density** | 4 Gigabits (512 Megabytes) |
| **Technology** | DDR3L SDRAM (Low Voltage) |
| **Organization** | 128M x 32 (Internal 8-bank architecture) |
| **Voltage (VDD/VDDQ)** | 1.35V (Backward compatible to 1.5V) |
| **Speed Grade** | DDR3-1600 (PC3L-12800) |
| **Clock Frequency** | 800 MHz |
| **Data Rate** | 1600 MT/s (Mega-transfers per second) |
| **CAS Latency (CL)** | 11 Cycles |
| **Package Type** | 96-ball FBGA (Fine pitch Ball Grid Array) |
| **Operating Temp** | 0°C to 95°C (Commercial Grade) |
---
## 2. Key Features
* **Low Power Consumption:** Operates at 1.35V, providing approximately 20% power savings over standard 1.5V DDR3 memory.
* **Bi-directional Differential Data Strobe:** Used for data capturing at both the rising and falling edges of the clock.
* **8-bit Prefetch Architecture:** Allows high-speed data transfer.
* **On-Die Termination (ODT):** Improves signal integrity by terminating the data signal within the chip itself.
* **ZT (Z-Termination) Calibration:** Automatically calibrates the output driver impedance and ODT values.
---
## 3. Pinout and Physical Interface
As a **96-ball FBGA** component, the physical interface is designed for high-density surface mount technology (SMT).
### Connection Groups
1. **Address Pins (A0-A14):** Used to provide the row and column addresses.
2. **Data Pins (DQ0-DQ31):** Bi-directional data bus for reading and writing.
3. **Command Pins:** Includes `RAS#` (Row Address Strobe), `CAS#` (Column Address Strobe), and `WE#` (Write Enable).
4. **Differential Clocks (CK, CK#):** All control and address input signals are sampled on the crossing of the positive edge of CK and the negative edge of CK#.
---
## 4. Typical Applications
This specific chip is commonly found in:
* **Laptops and Ultrabooks:** Where low power consumption is critical for battery life.
* **Embedded Systems:** Industrial PCs, routers, and networking equipment.
* **Single Board Computers (SBCs):** High-end ARM-based processing boards.
* **Graphics Cards:** Lower-mid tier GPUs requiring DDR3 memory buffers.
- ⤷
What is the difference between the RDA and PBAR suffixes in SK hynix memory?
- ⤷ Can this DDR3L chip be used in a standard 1.5V DDR3 slot?
- ⤷ What are the specific timing parameters like tRCD and tRP for this model?