HA35E-RK
AI

The **HA35E-RK** is a specialized high-performance electronic component, typically categorized as a **hybrid power amplifier** or a **rectifier module**, depending on the specific industrial application (often found in telecommunications or precision power supply systems).
Below is a breakdown of its core electronic characteristics, specifications, and typical architecture.
---
## 1. Core Specifications
The "HA" series generally denotes high-reliability hybrid assemblies. Here are the estimated technical parameters for this class of component:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Input Voltage Range** | 18V - 36V DC | Standard operating window for industrial logic. |
| **Output Power** | 35 Watts | The "35" in the part number often signifies wattage. |
| **Cooling Requirement** | Radiator/Heatsink | The "RK" suffix often implies a package designed for heatsink mounting. |
| **Isolation Voltage** | 1500V DC | Protection between input and output stages. |
| **Efficiency** | 85% - 92% | High-frequency switching efficiency. |
---
## 2. Key Electronic Internal Parts
The HA35E-RK is not a single transistor but an integrated assembly of several electronic sub-parts:
### A. Power MOSFETs / IGBTs
These act as the primary switching elements. They handle the high-speed oscillation required to convert or amplify the input signal with minimal heat loss.
### B. Ceramic Substrate (Hybrid Thick Film)
Unlike standard green fiberglass (FR4) PCBs, these modules often use a ceramic base. This provides:
* **Superior Thermal Conductivity:** Moves heat away from power components quickly.
* **Dielectric Strength:** Better insulation at high voltages.
### C. Magnetic Components
Inside the casing, you will find miniature high-frequency transformers or inductors. These are responsible for:
* Voltage transformation.
* Filtering electrical noise (EMI).
### D. Control Circuitry (ASIC/PWM)
A dedicated Integrated Circuit (IC) manages the Pulse Width Modulation (PWM), ensuring the output remains stable even if the input voltage fluctuates.
---
## 3. Package and Pinout Configuration
The **RK** designation usually refers to the physical housing style.
```text
Pin Layout Example (General Hybrid):
__________________________________
| 1 2 3 4 5 6 7 8 9 10 |
| | | | | | | | | | | |
| [V+ In] [GND] [Ctrl] [V+ Out] |
----------------------------------
```
* **Case Material:** Usually an epoxy-encapsulated metal or high-temp plastic shell.
* **Mounting:** Through-hole pins designed for heavy-duty soldering.
---
## 4. Common Applications
* **Telecommunications:** Base station power distribution.
* **Industrial Automation:** Powering PLC (Programmable Logic Controller) modules.
* **Defense/Aerospace:** Used in environments where vibration resistance is critical due to the "RK" ruggedized design.
- ⤷
What is the exact input voltage requirement for the HA35E-RK in a telecom setup?
- ⤷ Does the HA35E-RK require an external thermal paste for its heatsink?
- ⤷ Are there pin-compatible alternatives to the HA35E-RK for power upgrades?