HAH73-R68
AI

The **HAH73-R68** is a specific model of a **High-Current Power Inductor**, typically manufactured by companies like **Coilcraft** or **ITG Electronics**. These components are essential in modern power management systems for managing energy storage and filtering.
---
## 1. Technical Specifications
The part number "R68" signifies the inductance value. Below is a breakdown of the typical technical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DCR (Direct Current Resistance)** | Very Low (Approx. 1.5 - 2.5 mΩ) |
| **Saturation Current ($I_{sat}$)** | High (Typically 20A - 40A range) |
| **Operating Temperature** | -40°C to +125°C |
| **Package/Case** | SMD (Surface Mount Device) |
---
## 2. Core Features
The HAH73 series is designed for high-efficiency performance under stress:
* **Composite Construction:** Usually made with a metal alloy powder core, which provides "soft" saturation characteristics (meaning it doesn't lose inductance instantly when current spikes).
* **Low DCR:** The low DC resistance minimizes power loss through heat, making it ideal for high-efficiency power supplies.
* **Shielded Design:** The molded construction provides magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **AEC-Q200 Qualified:** Many parts in this series are automotive-grade, meaning they can withstand high vibration and thermal shocks.
---
## 3. Applications
The HAH73-R68 is primarily used in high-frequency, high-current circuits:
1. **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards (GPU) to stabilize power delivery.
2. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters for telecommunications and industrial equipment.
3. **LED Drivers:** Providing smooth current for high-intensity lighting.
4. **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS) or infotainment units.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in sourcing replacements:
* **HAH:** Series prefix (High-current, shielded inductor).
* **73:** Refers to the physical dimensions (e.g., approx 7.0mm x 7.0mm footprint).
* **R68:** The Inductance value. The "R" acts as a decimal point. ($0.68$ µH).
---
- ⤷
What are the equivalent alternative parts for the HAH73-R68 from other manufacturers?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ What is the recommended soldering profile for SMD inductors in this size category?