HAP-02-R/Q
AI

The **HAP-02-R/Q** refers to a specific series of **Wire-to-Board Connectors**, commonly associated with the **JST (Japan Solderless Terminal)** product line, specifically the **PA Series**. These are used extensively in electronics for secure, low-profile power and signal connections.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the HAP-02-R/Q:
| Feature | Specification |
| :--- | :--- |
| **Series** | PA Series (Wire-to-Board) |
| **No. of Circuits** | 2 Positions |
| **Pitch** | 2.0 mm |
| **Current Rating** | 3.0A AC/DC (using AWG #22) |
| **Voltage Rating** | 250V AC/DC |
| **Contact Resistance** | 10 mΩ Max (Initial) |
| **Insulation Resistance** | 1,000 MΩ Min |
| **Operating Temp** | -25°C to +85°C |
---
### 2. Component Breakdown
The "HAP-02-R/Q" designation describes the housing unit:
* **HA (Housing):** Indicates the part is the plastic housing body that holds the crimp terminals.
* **P (Plug):** This specifically denotes a **Panel Mount Plug**. Unlike standard socket housings, this part is designed to be mounted through a cutout in a chassis or panel.
* **02:** Represents the number of circuits (2 pins).
* **R / Q:** These suffixes usually refer to color or material variations (e.g., "R" for Red or specific UL flame retardancy ratings).
---
### 3. Key Electronic Features
* **Secure Locking Mechanism:** Features a "device-locking" structure (often referred to as a positive lock) that prevents accidental disconnection due to vibration or tension.
* **Panel Lock Construction:** The "P" version includes side "ears" or clips that snap into a panel, providing a fixed interface point for external connections.
* **Polarization:** The housing is keyed to ensure that the connector cannot be inserted upside down, protecting the circuit from reverse polarity.
---
### 4. Typical Applications
These connectors are found in compact electronic assemblies where space is limited but high reliability is required:
1. **Consumer Electronics:** Power supply inputs for small appliances.
2. **Industrial Controls:** Signal transmission between internal PCBs and external control panels.
3. **LED Lighting:** Used for connecting LED strips to drivers.
- ⤷
What are the compatible crimp terminal part numbers for the HAP-02 series?
- ⤷ What is the recommended panel cutout dimension for mounting the HAP-02-R?
- ⤷ How does the PA series compare to the PH series in terms of current capacity?