HAS-30-R/Q
AI

The **HAS-30-R/Q** is a high-precision Current Transducer manufactured by **LEM**. It is designed for the electronic measurement of DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic interface).
---
### 1. Key Technical Specifications
The following table outlines the core electronic parameters for the HAS-30-R/Q:
| Parameter | Specification |
| :--- | :--- |
| **Primary Nominal Current ($I_{pn}$)** | 30 A |
| **Measuring Range ($I_{pm}$)** | ± 90 A |
| **Secondary Output Voltage ($V_{out}$)** | ± 4 V (at $I_{pn}$) |
| **Supply Voltage ($V_c$)** | ± 15 V (± 5%) |
| **Accuracy** | ± 1% of $I_{pn}$ |
| **Linearity** | < ± 1% |
| **Frequency Bandwidth** | DC ... 50 kHz |
| **Response Time** | < 3 µs |
---
### 2. Operating Principle: Hall Effect
The HAS-30-R/Q operates based on the **Open Loop Hall Effect** principle.
1. **Magnetic Flux:** When a primary current flows through the device's center hole, it creates a magnetic flux.
2. **Hall Sensor:** A Hall effect generator located in the air gap of the magnetic circuit produces a voltage proportional to this flux.
3. **Signal Conditioning:** Internal electronics amplify this small Hall voltage to provide a usable output (typically 4V for the rated 30A current).
---
### 3. Physical & Electronic Interface
The device is designed for PCB mounting and features the following pinout configuration:
* **Pin +15V:** Positive power supply.
* **Pin -15V:** Negative power supply.
* **Pin Output:** Voltage signal proportional to the primary current.
* **Pin 0V:** Ground/Common reference.
---
### 4. Advantages & Applications
#### Advantages
* **Galvanic Isolation:** High safety as the measuring circuit is physically separated from the high-voltage primary.
* **Low Power Consumption:** Efficient monitoring without significant energy loss.
* **Wide Aperture:** Allows for easy cable or busbar routing.
#### Common Applications
* **Variable Speed Drives:** Monitoring motor current.
* **UPS Systems:** Uninterruptible Power Supply battery management.
* **Welding Equipment:** Precise control of output current.
* **Renewable Energy:** Current monitoring in solar inverters.
- ⤷
What is the difference between Open Loop and Closed Loop Hall Effect sensors?
- ⤷ How do I calculate the output voltage if the primary current is only 15A?
- ⤷ What are the thermal limitations for the HAS-30-R/Q during continuous operation?