HC3-1R0-R
AI

### Technical Overview of HC3-1R0-R
The **HC3-1R0-R** is a high-current, low-profile power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the HC3 series, designed specifically for high-frequency power conversion applications.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH (Microhenry) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~25 Amps (Temperature rise dependent) |
| **Saturation Current (Isat)** | ~28 Amps |
| **DC Resistance (DCR)** | ~1.6 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### Core Construction and Materials
1. **Magnetic Material:** It uses a high-density powdered iron core. This material is chosen for its stable saturation characteristics and low core losses at high frequencies.
2. **Flat-Wire Design:** Unlike standard round-wire inductors, the HC3 series often utilizes flat-wire windings. This reduces "Skin Effect" and allows for a lower **DC Resistance (DCR)**, which minimizes heat generation during high current flow.
3. **Shielding:** The part is magnetically shielded to minimize Electromagnetic Interference (EMI) with surrounding components on the PCB.
---
### Typical Applications
Due to its high current handling and small footprint, the HC3-1R0-R is commonly found in:
* **DC-DC Converters:** Used as an output filter inductor.
* **Voltage Regulator Modules (VRMs):** Found in CPU and GPU power delivery systems.
* **Industrial Power Supplies:** For high-efficiency energy conversion.
* **Battery Powered Systems:** Where low DCR is critical to preserving battery life.
---
### Physical Dimensions
The "HC3" designation refers to a specific package size:
* **Footprint:** Approximately 11.5mm x 10.5mm.
* **Height:** Approximately 4.0mm.
- ⤷
What are the main differences between the HC3 and the HC2 inductor series?
- ⤷ How does the saturation current affect the performance of this inductor in a power circuit?
- ⤷ Are there recommended PCB pad layouts for the HC3-1R0-R?