Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HC3-R

  • AI
    The **HC3-R** is a specific type of **Control Relay** (often classified under the HC series) used primarily in industrial automation, HVAC systems, and power distribution. It is designed to switch high-power loads using a low-power control signal. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Internal Components An HC3-R relay typically consists of the following key electronic parts: | Component | Function | | :--- | :--- | | **Electromagnetic Coil** | Converts electrical energy into a magnetic field to move the armature. | | **Armature** | The moving part that opens or closes the electrical contacts. | | **Contact Points** | Usually made of silver alloy to handle high current without welding. | | **Return Spring** | Returns the armature to the original position when power is removed. | | **Yoke/Frame** | Provides a low-reluctance path for the magnetic flux. | --- ## 2. Technical Specifications While exact specs vary by manufacturer (such as **Omron** or **Idec** style clones), the standard "HC3" designation usually refers to a **3-Pole** (3PDT) configuration. ### Electrical Ratings * **Contact Configuration:** 3PDT (3 Form C). * **Coil Voltages:** Available in 12VDC, 24VDC, 110VAC, or 220VAC. * **Switching Capacity:** Typically rated for 5A to 10A per pole. * **Insulation Resistance:** 100 MΩ min. * **Dielectric Strength:** 2,000 VAC between coil and contacts. --- ## 3. Wiring and Pinout Structure The "3" in HC3-R signifies three sets of change-over contacts. Each set includes: 1. **Common (COM)** 2. **Normally Open (NO)** 3. **Normally Closed (NC)** ### Basic Circuit Logic ```mermaid graph LR A[Coil Voltage In] --> B(Electromagnet) B --> C{Switching Action} C --> D[Common -> NO: Circuit ON] C --> E[Common -> NC: Circuit OFF] ``` --- ## 4. Features of the "R" Suffix The **-R** suffix in these relay models often denotes specific enhancements: * **R - Resistor/Indicator:** Many HC3-R models include a built-in **LED indicator** to show when the coil is energized. * **R - Arc Resistance:** Enhanced contact material to reduce "pitting" or carbon buildup during high-frequency switching. * **Mounting:** Usually designed for Plug-in sockets (DIN rail) or PCB mounting. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between HC2 and HC3 relay models?
    • ⤷ How do I test an HC3-R relay using a multimeter?
    • ⤷ Which socket types are compatible with HC3-R relays for DIN rail mounting?