HC7-R47-R
AI

The **HC7-R47-R** is a high-current, low-profile power inductor typically used in DC-DC converters and voltage regulator modules (VRMs). It is part of the **HC7 series** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics).
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the HC7-R47-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~26.0 Amperes |
| **Saturation Current (Isat)** | ~45.0 Amperes |
| **DC Resistance (DCR)** | ~1.35 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | Surface Mount (SMD) |
---
## 2. Key Features
* **High Current Density:** Designed to handle significant current without saturating or overheating.
* **Magnetically Shielded:** The construction minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive environments.
* **Low DCR:** The extremely low DC resistance ensures minimal power loss and high efficiency.
* **RoHS Compliant:** The "R" suffix at the end of the part number denotes that the part is lead-free and meets RoHS standards.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in identifying similar components:
| Segment | Meaning |
| :--- | :--- |
| **HC7** | Product Series (High Current, Size 7) |
| **R47** | Inductance value (R = Decimal point; 0.47 µH) |
| **-R** | RoHS compliant / Lead-free |
---
## 4. Typical Applications
The HC7-R47-R is commonly found in high-performance electronics where space is limited but power requirements are high:
* **Graphics Cards (GPUs):** Providing stable power to high-wattage processors.
* **Server Motherboards:** Used in multi-phase VRMs.
* **Notebooks and Tablets:** Voltage regulation for CPUs.
* **Industrial Power Supplies:** High-efficiency DC-DC conversion.
---
- ⤷What are the physical dimensions of the HC7 series package?
- ⤷ How does the saturation current (Isat) affect circuit performance compared to Irms?
- ⤷ Are there any direct equivalents for this inductor from other brands like Vishay or Bourns?