HC8-330-R
AI

The **HC8-330-R** is a high-current, power inductor typically used in DC-DC converters and voltage regulator modules (VRMs). It is part of the **HC8 Series** manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**.
---
### 1. Technical Specifications
The part number follows a specific nomenclature where "330" refers to the inductance and "R" indicates RoHS compliance.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 33.0 µH | The nominal inductance value. |
| **Tolerance** | ±20% | Standard variance in inductance. |
| **Current Rating (Irms)** | ~5.3 Amps | Continuous current causing a 40°C temperature rise. |
| **Saturation Current (Isat)** | ~8.0 Amps | Peak current before inductance drops significantly. |
| **DC Resistance (DCR)** | ~43.0 mΩ | Typical internal resistance of the copper winding. |
| **Operating Temp** | -40°C to +125°C | Thermal range including self-heating. |
---
### 2. Physical Characteristics
The HC8 series is known for its rugged construction and efficient use of space.
* **Core Material:** Powered iron (or similar magnetic alloy), which offers high saturation flux density.
* **Mounting Type:** Surface Mount Device (SMD).
* **Shielding:** It is a **magnetically shielded** design, which minimizes Electromagnetic Interference (EMI) to surrounding components.
* **Form Factor:** Approx. 10.9mm x 10.4mm with a height of 4.0mm (standard HC8 package size).
---
### 3. Key Electronic Functions
The HC8-330-R performs several critical roles in a circuit:
1. **Energy Storage:** In switching power supplies, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Ripple Filtering:** It smoothes out the output current, reducing the "noise" or ripple voltage in high-frequency circuits.
3. **Current Limiting:** Due to its inductive reactance, it opposes sudden changes in current, protecting sensitive downstream components.
---
### 4. Common Applications
* **Multi-phase Regulators:** Found in PC motherboards and servers.
* **Point-of-Load (POL) Converters:** Used for local voltage regulation near high-speed CPUs or FPGAs.
* **Battery Powered Systems:** Where high efficiency and low DCR are required to extend battery life.
* **Distributed Power Systems:** Industrial 12V or 24V bus regulation.
- ⤷
What are the differences between the HC8 and the HC8LP (low profile) series?
- ⤷ How does the saturation current affect the performance of this inductor in a buck converter?
- ⤷ Are there equivalent parts from other manufacturers like Wurth or TDK?