HCE-13-R/Q
AI

The **HCE-13-R/Q** refers to a specific series of high-performance **Common Mode Chokes** (inductors) manufactured by **Eaton** (formerly Cooper Bussmann/Coiltronics). These components are primarily used in high-current power applications to filter electromagnetic interference (EMI).
---
### 1. Technical Specifications
Below are the typical characteristics of the HCE-13 series (specifically the R/Q variants):
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Through-Hole Common Mode Choke |
| **Inductance Range** | Typically 0.5 µH to 2.5 µH (varies by part number) |
| **Current Rating** | High Current (up to 40A - 60A depending on sizing) |
| **Operating Temp** | -40°C to +125°C |
| **Core Material** | Powdered Iron or Ferrite (depending on frequency needs) |
| **Termination** | Tin-plated Copper Lead |
---
### 2. Functional Role in Electronics
The HCE-13-R/Q functions as a **magnetic filter**. Its primary roles include:
* **Common Mode Noise Suppression:** It allows differential signals (the power you want) to pass through while creating high impedance for common-mode noise (unwanted interference affecting both lines).
* **Power Integrity:** Used in DC-DC converters to smooth out "ripple" current and prevent high-frequency noise from feeding back into the main power source.
* **High Power Density:** The "HCE" (High Current Edge-wound) design allows it to handle significant amperage without saturating the magnetic core.
---
### 3. Key Design Features
* **Edge-Wound Technology:** Instead of standard round wire, these often use flat-wire edge-winding. This reduces "skin effect" losses at high frequencies and allows for a more compact footprint.
* **Low DCR (Direct Current Resistance):** Because the wire is thick/flat, it has very low resistance, which minimizes heat generation during operation.
* **Rugged Construction:** The "Q" in the suffix often denotes AEC-Q200 qualification or similar industrial/automotive grade reliability standards.
---
### 4. Common Applications
1. **Industrial Power Supplies:** Filtering AC/DC or DC/DC stages.
2. **Electric Vehicles (EV):** Used in onboard chargers and motor controllers.
3. **Solar Inverters:** Managing high-current power conversion noise.
4. **Servers/Data Centers:** High-efficiency VRM (Voltage Regulator Module) filtering.
---
- ⤷
What is the difference between common mode and differential mode noise in these chokes?
- ⤷ Can the HCE-13 series be used in surface-mount (SMD) applications?
- ⤷ How does 'edge-winding' improve the efficiency of an inductor?