HCE-1B-R/Q
AI

The **HCE-1B-R/Q** is a high-performance **Hybrid Coupler** (specifically a 90° Quadrature Hybrid) manufactured by **Mini-Circuits**. These components are essential in RF (Radio Frequency) and microwave engineering for power splitting, combining, and phase shifting.
---
### 1. Key Technical Specifications
The "R/Q" suffix typically denotes specific internal revisions or environmental compliance (such as RoHS) and packaging styles.
| Parameter | Typical Value |
| :--- | :--- |
| **Frequency Range** | 2 MHz to 250 MHz |
| **Impedance** | 50 $\Omega$ (nominal) |
| **Insertion Loss** | 0.5 dB (above 3 dB split) |
| **Isolation** | 25 dB (typical) |
| **Phase Unbalance** | ± 2 Degrees |
| **Amplitude Unbalance** | 0.8 dB |
| **Operating Temp** | -55°C to +100°C |
---
### 2. Functional Characteristics
The HCE-1B acts as a **Quadrature Hybrid**, meaning it splits an input signal into two paths with a specific phase relationship:
1. **90° Phase Shift:** The signal at the output ports will have a 90-degree phase difference relative to each other.
2. **Bi-Directional:** It can be used as a power splitter (1 input to 2 outputs) or a power combiner (2 inputs to 1 output).
3. **High Isolation:** It prevents reflected signals from one output port from leaking back into the other output port, protecting sensitive upstream components.
---
### 3. Pin Configuration & Internal Structure
The device is usually housed in a 6-pin or 8-pin surface-mount or plug-in package (often the **A01** or **BK276** case styles).
* **Input Port:** Where the RF signal enters.
* **Isolated Port:** Terminated with 50 ohms to ensure balance.
* **0° Port:** Output signal in phase with the input (minus insertion loss).
* **90° Port:** Output signal shifted by 90 degrees.
---
### 4. Common Applications
* **Balanced Amplifiers:** Used at the input and output of two identical amplifiers to improve VSWR (Voltage Standing Wave Ratio) and power handling.
* **Image Reject Mixers:** Helps in separating the desired signal from the image frequency in receivers.
* **Phase Shifters:** Used in antenna arrays to steer beams.
* **IQ Modulators/Demodulators:** Critical for digital communication schemes where signal components must be separated into In-phase (I) and Quadrature (Q) parts.
---
### 5. Part Number Breakdown
* **HCE:** Series designation (Hybrid Coupler).
* **1B:** Specific frequency band and performance tier.
* **-R:** Generally indicates **RoHS Compliance** (Lead-free).
* **-Q:** Often refers to specific **Quality** testing or a "Q" suffix for high-reliability/commercial grade differentiation.
- ⤷What is the difference between a 90° quadrature hybrid and a 180° hybrid coupler?
- ⤷ How do I calculate the return loss for this specific component in a circuit?
- ⤷ Can this component be used for frequencies higher than 250 MHz?