HCE-52-R/Q
AI

The **HCE-52-R/Q** is a high-performance ceramic gas discharge tube (GDT) primarily used for surge protection and high-voltage switching applications. These components are designed to protect sensitive electronic equipment from transient overvoltages caused by lightning or inductive switching.
---
### 1. Component Specifications
The "R/Q" suffix usually denotes specific packaging or terminal configurations (such as leaded vs. surface mount or specific voltage tolerances).
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Gas Discharge Tube (GDT) |
| **DC Spark-over Voltage** | Usually 5200V (5.2kV) $\pm$ 20% |
| **Insulation Resistance** | $> 10^{10} \Omega$ |
| **Capacitance** | Low (< 1.5 pF) |
| **Impulse Discharge Current** | High (Typically 5kA - 10kA depending on waveform) |
| **Operating Temperature** | -40°C to +90°C |
---
### 2. Electronic Functionality
The HCE-52-R/Q operates as a voltage-dependent switch:
1. **Off-State:** Under normal operating voltages, the gas inside the ceramic tube remains non-conductive. The part acts as an open circuit with extremely high insulation resistance.
2. **Transition (Spark-over):** When a voltage spike exceeds the 5.2kV threshold, the gas ionizes.
3. **On-State (Arc Mode):** Once ionized, the tube becomes a low-impedance path (an arc), shunting the surge current to the ground and protecting the downstream circuitry.
4. **Recovery:** Once the surge passes and the voltage drops below the "glow voltage," the gas de-ionizes, and the device returns to its high-impedance state.
---
### 3. Key Features
* **High Voltage Rating:** Specifically designed for high-tension environments (5.2kV).
* **Low Capacitance:** Because the capacitance is minimal, it does not distort high-frequency signals, making it suitable for RF or high-speed data protection.
* **Rugged Construction:** Encased in ceramic to withstand high thermal stress during discharge events.
---
### 4. Typical Applications
* **Power Supplies:** Protection for high-voltage industrial power units.
* **Medical Equipment:** Surge protection in X-ray or MRI power systems.
* **Telecommunications:** Protecting outdoor lines from lightning strikes.
* **Ignition Systems:** Used in some specialized trigger circuits for high-intensity discharge lamps or industrial igniters.
---
### 5. Circuit Symbol Representation
In a schematic, the GDT is represented by a circle with two opposing electrodes:
```text
/ \
----| O |----
\ /
```
- ⤷
What is the difference between the R and Q versions of this GDT?
- ⤷ How does a GDT compare to a TVS diode for high-voltage protection?
- ⤷ What are the mounting requirements for the HCE-52-R/Q on a PCB?