HCM0503-220-R
AI

The **HCM0503-220-R** is a high-current, power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the HCM series designed for high-density power conversion applications where efficiency and thermal management are critical.
---
## 1. Technical Specifications
Below are the key electrical and physical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 22.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 128 mΩ (Typical) / 152 mΩ (Maximum) |
| **Rated Current ($I_{rms}$)** | 2.3 Amps (Typical) |
| **Saturation Current ($I_{sat}$)** | 3.5 Amps (Typical) |
| **Operating Temperature** | -50°C to +125°C |
| **Core Material** | Iron Powder (High-frequency, low loss) |
| **Package Size** | 5.5mm x 5.3mm x 3.0mm (0503) |
---
## 2. Key Features
* **High Current Handling:** Designed to handle significant current relative to its small surface-mount footprint.
* **Magnetically Shielded:** The molded construction minimizes Electromagnetic Interference (EMI), which is vital for compact electronic assemblies.
* **Low Core Loss:** The iron powder core provides stable performance across a wide frequency range with minimal energy wasted as heat.
* **Environmental Compliance:** It is RoHS compliant and halogen-free.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variations of the component:
| Segment | Meaning |
| :--- | :--- |
| **HCM** | Series Name (High Current Inductor) |
| **0503** | Physical Size (approx. 5.5 x 5.3 x 3.0 mm) |
| **220** | Inductance Value (22 followed by 0 zeros = **22 µH**) |
| **-R** | RoHS Compliant |
---
## 4. Typical Applications
The HCM0503-220-R is commonly used in DC-DC converters and power modules for:
* **Computing:** Laptops, servers, and desktop motherboards.
* **Networking:** Routers, switches, and base stations.
* **Industrial:** Power supplies for automation and control systems.
* **Battery Powered Devices:** Handheld electronics requiring efficient voltage regulation.
---
## 5. Design Considerations
* **Saturation:** Ensure the peak current in your circuit does not exceed the $I_{sat}$ (3.5A) to avoid a sharp drop in inductance.
* **Thermal Management:** The $I_{rms}$ rating is based on a 40°C temperature rise. In enclosed or high-ambient environments, derating may be necessary.
- ⤷
What are the recommended alternatives for the HCM0503 series in automotive applications?
- ⤷ How does the saturation current of the 22uH model compare to the 1uH model in this series?
- ⤷ Can you provide the footprint dimensions for PCB layout design?