HCM1104-3R3-R
AI

## Analysis of HCM1104-3R3-R
The **HCM1104-3R3-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the HCM series, designed for high power density and efficiency in demanding environments.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 3.3 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 13.0 Amps |
| **Saturation Current (Isat)** | 16.0 Amps |
| **DC Resistance (DCR)** | 9.0 mΩ (Typical) |
| **Operating Temperature** | -50°C to +125°C |
| **Package Size** | 11.5mm x 10.3mm x 4.0mm |
---
### 2. Physical Composition and Design
* **Core Material:** Iron powder core. This material provides high saturation flux density and is capable of handling high-frequency oscillations with minimal losses.
* **Construction:** Molded construction. The coil is embedded within the core material, which provides excellent shielding against Electromagnetic Interference (EMI) and improves mechanical durability.
* **Terminations:** Surface Mount Device (SMD). The lead frames are designed for robust solder joints, often required in high-vibration automotive or industrial settings.
---
### 3. Application Areas
Because of its high current handling and low DCR, this part is commonly found in:
1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to step down voltage.
2. **DC-DC Converters:** Essential for power management in battery-operated devices.
3. **Automotive Systems:** Specifically for infotainment, LED lighting drivers, and Advanced Driver Assistance Systems (ADAS).
4. **Power Supplies:** Found in high-density servers and telecommunications equipment.
---
### 4. Advantages of the HCM Series
* **Low Core Loss:** Optimized for high-frequency power conversion (up to 1 MHz+).
* **Magnetic Shielding:** The molded design naturally contains the magnetic field, preventing interference with nearby sensitive components.
* **Thermal Stability:** Maintains consistent inductance values even as temperatures rise toward its 125°C limit.
---
- ⤷What is the difference between Irms and Isat in this inductor?
- ⤷ What are the recommended footprint dimensions for PCB layout?
- ⤷ Are there alternative inductors with a lower DCR?