HCM1105-R36-R
AI

The **HCM1105-R36-R** is a high-current, shielded power inductor designed by Eaton (formerly Bussmann). It is part of the HCM series, specifically engineered to meet the power density and efficiency requirements of modern computing and industrial electronics.
---
## Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Inductance** | 0.36 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 1.1 mΩ (Typical) |
| **Saturation Current ($I_{sat}$)** | 40 Amps |
| **RMS Current ($I_{rms}$)** | 30 Amps |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 11.5mm x 10.3mm x 5.0mm |
---
## Key Features
### 1. High Current Handling
The "R36" signifies the low inductance (0.36 µH), which allows the component to handle extremely high peak currents (up to 40A) without saturating. This is critical for preventing circuit failure during high-load transients.
### 2. Low Core Loss
The inductor uses an iron powder core material. This design minimizes "eddy current" losses, making it highly efficient for high-frequency switching power supplies.
### 3. Magnetic Shielding
The component is magnetically shielded. This construction contains the magnetic flux within the inductor body, reducing Electromagnetic Interference (EMI) that could affect neighboring sensitive components on the PCB.
---
## Typical Applications
The HCM1105-R36-R is commonly found in the following environments:
* **Voltage Regulator Modules (VRMs):** Used in motherboards and servers to step down voltage for CPUs and GPUs.
* **Multi-phase Regulators:** Distributed power systems where high efficiency is required.
* **Desktop/Server Systems:** Powering high-performance processors.
* **Point-of-Load (POL) Converters:** DC-DC converters located near the load to provide precise voltage.
---
## Comparison: HCM Series vs. Standard Inductors
```markdown
Comparison Aspect | HCM1105 (High Current) | Standard Power Inductor
------------------|-----------------------|-----------------------
DCR | Ultra-low (mΩ range) | Higher (higher heat)
Form Factor | Compact Molded | Often Wire-wound/Open
EMI | Very Low (Shielded) | Moderate to High
Saturation | Soft Saturation | Hard Saturation
```
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Can this inductor be used in automotive applications?
- ⤷ What are the recommended PCB landing patterns for the HCM1105 series?