HCM1305-4R7-R
AI

## Technical Overview: HCM1305-4R7-R
The **HCM1305-4R7-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the HCM series, which is specifically designed to handle high power densities and high-frequency applications.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 4.7 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 11.2 mΩ (Typical) / 13.5 mΩ (Max) |
| **Rated Current (rms)** | 13.0 Amps |
| **Saturation Current (Isat)** | 15.0 Amps |
| **Operating Temperature** | -55°C to +125°C |
| **Package / Case** | 13.8mm x 12.5mm x 5.0mm (SMD) |
---
### 2. Core Features and Construction
* **Iron Powder Core:** The inductor uses a molded iron powder construction. This provides "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly as the current increases.
* **Magnetically Shielded:** The design minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive environments like automotive infotainment or telecommunications.
* **Low Core Loss:** Optimized for high-frequency switching, reducing heat generation during operation.
* **AEC-Q200 Qualified:** It meets the rigorous stress-test requirements for automotive electronics.
---
### 3. Application Use Cases
This component is typically used in DC-DC converters and power supply modules where high current and reliability are critical.
* **Automotive:** Engine Control Units (ECUs), LED lighting drivers, and Advanced Driver Assistance Systems (ADAS).
* **Industrial:** High-current point-of-load (POL) converters.
* **Computing:** Multi-phase voltage regulator modules (VRMs) for servers and high-end processors.
---
### 4. Part Number Breakdown
The part number follows a specific nomenclature used by Eaton:
| Segment | Meaning |
| :--- | :--- |
| **HCM** | Series Name (High Current Power Inductor) |
| **1305** | Size Code (Approx. 13mm x 5mm height) |
| **4R7** | Inductance Value (4.7 microhenries) |
| **R** | RoHS Compliant / Lead-Free |
- ⤷
What are the equivalent alternative parts for the HCM1305-4R7-R?
- ⤷ How does the 'soft saturation' of this iron powder core compare to ferrite cores?
- ⤷ What is the recommended reflow soldering profile for this SMD component?