AI

## HCM1305-7R8-R Electronic Component Overview
The **HCM1305-7R8-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the HCM series, which is specifically designed to meet the high-density and high-temperature requirements of modern electronic circuits.
---
### 1. Key Technical Specifications
The performance of this inductor is defined by its physical construction and magnetic properties:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 7.8 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 11.0 Amperes |
| **Saturation Current (Isat)** | 13.5 Amperes |
| **DC Resistance (DCR)** | 11.5 mΩ (Typical) |
| **Operating Temperature** | -55°C to +125°C |
| **Package / Case** | 1305 (approx. 13.8mm x 12.5mm) |
---
### 2. Component Construction & Design
The "HCM" designation refers to its specific design architecture:
* **Molded Powder Core:** The inductor uses an iron powder core material. This allows for "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly as current increases.
* **Shielded Construction:** The molded design inherently provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **High Power Density:** The 1305 footprint (13mm x 5mm height) is optimized to handle high current in a relatively small Surface Mount Device (SMD) package.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Code | Meaning |
| :--- | :--- |
| **HCM** | Product Series (High Current Inductor) |
| **1305** | Dimensions (13mm length/width, 5mm height) |
| **7R8** | Inductance Value (7.8 microhenries) |
| **-R** | RoHS Compliant |
---
### 4. Common Applications
Due to its high current handling and stability, the HCM1305-7R8-R is typically used in:
* **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs.
* **DC-DC Converters:** Buck, boost, and buck-boost topologies.
* **Automotive Electronics:** Infotainment systems, ECU power supplies, and ADAS.
* **Industrial Power Supplies:** High-efficiency point-of-load (POL) converters.
---
### 5. Footprint (Example Implementation)
If you are designing a PCB, the land pattern should account for the heavy copper terminals:
```markdown
// Recommended PCB Pad Dimensions (Approximate)
- Pad Width: 5.0 mm
- Pad Length: 3.5 mm
- Gap Between Pads: 7.0 mm
```
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprint alternatives for the 7.8uH value?
- ⤷ Does this component meet AEC-Q200 automotive standards?