HCM1307-3R3-R
AI

## HCM1307-3R3-R: High Current Power Inductor
The **HCM1307-3R3-R** is a high-performance, high-current power inductor manufactured by Eaton (formerly Cooper Bussmann). It belongs to the HCM series, which is specifically designed for high-density power applications where space is limited and efficiency is critical.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature. In this case, **3R3** represents the inductance value of **3.3 µH**.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 3.3 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 13.0 Amperes |
| **Saturation Current (Isat)** | 15.0 Amperes |
| **DC Resistance (DCR)** | 8.2 mΩ (Typical) |
| **Operating Temp Range** | -55°C to +125°C |
| **Package Type** | Surface Mount (SMD) |
| **Dimensions** | ~13.8mm x 12.5mm x 6.5mm |
---
### 2. Physical Construction and Features
The "1307" in the part number refers to the physical footprint size (approximately 13mm width and 7mm height).
* **Molded Construction:** The inductor uses a powder iron core material that is molded around the winding. This provides excellent magnetic shielding and reduces EMI (Electromagnetic Interference).
* **High Current Density:** The flat wire or robust internal structure allows it to handle large amounts of current with minimal self-heating.
* **Low Core Loss:** Optimized for high-frequency switching, reducing power waste in DC-DC converters.
* **Lead-Free/RoHS Compliant:** The "-R" suffix indicates compliance with environmental standards and a matte tin lead finish.
---
### 3. Common Applications
This specific component is typically found in the power stages of high-performance electronics:
1. **Voltage Regulator Modules (VRMs):** Used in servers and workstations to provide stable power to CPUs and GPUs.
2. **DC-DC Converters:** Found in point-of-load (POL) power supplies for telecommunications.
3. **Industrial Systems:** High-current power supplies for motor control or automation.
4. **Battery Powered Systems:** Where low DCR is necessary to maximize battery life.
---
### 4. Comparison: Irms vs. Isat
When integrating this part into a circuit, it is vital to distinguish between its two current ratings:
* **Irms (13.0A):** This is the continuous current that will cause the component's temperature to rise by roughly 40°C.
* **Isat (15.0A):** This is the peak current at which the inductance value drops by 20% due to magnetic saturation.
- ⤷
What is the significance of the 'R' suffix in Eaton part numbers?
- ⤷ How does the DCR of this inductor affect the overall efficiency of a buck converter?
- ⤷ Are there smaller footprint alternatives with the same 3.3µH inductance?