HCM1707-680-R
AI

The **HCM1707-680-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the HCM series, which is specifically designed to meet the high-density and high-temperature requirements of modern power electronics.
---
### 1. Key Technical Specifications
The part number itself reveals specific characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 68 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Maximum DC Current (Irms)** | ~4.2 Amperes (Typical) |
| **Saturation Current (Isat)** | ~5.0 Amperes (Typical) |
| **DC Resistance (DCR)** | ~77.0 mΩ (Typical) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 1707 (Approx. 17.5mm x 17.2mm x 7.0mm) |
---
### 2. Design and Construction
* **Material:** It uses an iron powder core material which provides high saturation current capabilities and low core losses.
* **Shielding:** The inductor is **magnetically shielded**. This is critical for Electromagnetic Interference (EMI) sensitive designs, as it prevents the magnetic field from interfering with neighboring components.
* **Construction:** It features a rugged, molded construction that offers superior protection against environmental factors and mechanical vibration.
---
### 3. Application Use Cases
The HCM1707 series is primarily found in DC-DC converters and voltage regulator modules (VRMs). Common applications include:
1. **Automotive Systems:** Used in Engine Control Units (ECUs), LED lighting drivers, and infotainment systems (AEC-Q200 Grade 1 qualified).
2. **Industrial Power:** High-efficiency point-of-load (POL) converters.
3. **Computing:** Multi-phase regulators for servers and high-end workstations.
---
### 4. Part Number Breakdown
The nomenclature follows a specific logic:
```text
HCM 1707 - 680 - R
| | | |
| | | └─ RoHS Compliant
| | └────── Inductance Code (68 x 10^0 = 68µH)
| └──────────── Size Code (Dimensions)
└───────────────── Product Series (High Current Inductor)
```
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller package alternatives for a 68uH inductor?
- ⤷ Can this part be used in AEC-Q200 automotive applications?