HCMA0703-3R3-R
AI

The **HCMA0703-3R3-R** is a high-current power inductor manufactured by Eaton (formerly Bussmann). It is specifically designed for automotive applications and high-frequency DC-DC converters.
---
### 1. Key Technical Specifications
The part number itself contains specific data regarding its dimensions and inductance value.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 3.3 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 6.0 Amps |
| **Saturation Current (Isat)** | 8.5 Amps |
| **DC Resistance (DCR)** | 23.5 mΩ (Typical) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 7.4mm x 7.0mm x 3.0mm |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying variants within the same series:
* **HCMA**: High Current Automotive (Series name).
* **0703**: Physical dimensions (approx. 7mm length/width, 3mm height).
* **3R3**: Inductance value (3.3 microhenries).
* **R**: RoHS compliant.
---
### 3. Core Technologies and Features
The HCMA0703 series utilizes advanced construction methods to handle high power in a small footprint:
* **Powder Iron Core:** It uses a molded iron powder core technology. This provides a "soft saturation" characteristic, meaning the inductance drops gradually rather than sharply when the current increases.
* **Magnetic Shielding:** The construction is naturally shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **AEC-Q200 Grade 1:** This part is automotive qualified, meaning it has passed rigorous mechanical and thermal stress tests.
---
### 4. Common Applications
Due to its robust thermal performance and high current handling, it is typically found in:
1. **Automotive Electronics:** Advanced Driver Assistance Systems (ADAS), infotainment, and LED lighting modules.
2. **Voltage Regulator Modules (VRM):** DC-DC converters for CPUs and GPUs.
3. **Industrial Power Supplies:** High-density power conversion where space is limited.
---
### 5. Footprint (Solder Pad Layout)
Below is a representation of the typical landing pattern for this surface-mount device (SMD):
```text
7.4mm (Inductor Body)
<---------------------->
________________________
| (A) (A) | (A) Terminal pads
| [---] [---] |
|________________________|
Pad Width: ~2.2mm
Pad Length: ~1.5mm
```
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a lower DCR in the same 0703 size?
- ⤷ How does the 'soft saturation' of an iron powder core benefit DC-DC converter design?