HCMA1104-3R3-R
AI

## HCMA1104-3R3-R Technical Overview
The **HCMA1104-3R3-R** is a high-current power inductor designed specifically for automotive and harsh environment applications. It belongs to the HCMA series manufactured by **Eaton (formerly Bussmann)**.
### 1. Key Technical Specifications
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 3.3 µH | Nominal inductance at 100 kHz |
| **Tolerance** | ±20% | Standard variance |
| **Current Rating (Irms)** | 10.0 A | Continuous RMS current (based on temp rise) |
| **Saturation Current (Isat)** | 14.0 A | Current at which inductance drops ~20% |
| **DCR (Max)** | 10.8 mΩ | DC Resistance at 20°C |
| **Operating Temp** | -55°C to +125°C | Range including self-heating |
| **Package Size** | 1104 | Approx. 11.5mm x 10.3mm x 4.0mm |
---
### 2. Core Features and Construction
* **AEC-Q200 Qualified:** This is a critical rating for automotive use, meaning the part has passed rigorous stress tests for mechanical shock, vibration, and thermal cycling.
* **Magnetic Shielding:** The part is constructed using a molded iron powder core. This provides high "soft" saturation and minimizes Electromagnetic Interference (EMI) with surrounding components.
* **High Efficiency:** With a low DC Resistance (DCR), the component minimizes power loss through heat, making it suitable for high-density power supplies.
* **Rugged Design:** The "1104" size indicates a large footprint capable of handling significant thermal dissipation.
---
### 3. Common Applications
This inductor is typically used in DC-DC converters and power management modules where reliability is paramount.
1. **Automotive Systems:**
* Advanced Driver Assistance Systems (ADAS).
* Infotainment and Navigation units.
* LED Lighting drivers.
2. **Industrial Electronics:**
* Multi-phase regulators.
* Battery-powered equipment.
3. **Computing:**
* Voltage Regulator Modules (VRMs) for servers.
---
### 4. Part Number Breakdown
The part number follows a specific nomenclature:
* **HCMA:** Series Name (High Current Automotive).
* **1104:** Physical size (Length/Width and Height).
* **3R3:** Inductance value (3.3 µH; 'R' acts as the decimal).
* **-R:** RoHS compliant.
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprint alternatives with the same 3.3uH inductance?
- ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter circuit?