HCMA1305-100-R
AI

The **HCMA1305-100-R** is a high-current, automotive-grade power inductor manufactured by Eaton (formerly Bussmann). It is part of the HCMA series, which is specifically designed to handle high power densities and withstand harsh environments.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 10.0 Amperes |
| **Saturation Current (Isat)** | 12.0 Amperes |
| **DC Resistance (DCR)** | 15.5 mΩ (Typical) |
| **Operating Temperature** | -55°C to +125°C |
| **Package / Case** | 13.8mm x 12.5mm x 5.0mm |
| **AEC-Q200 Qualified** | Yes (Automotive Grade) |
---
### ## Key Features
1. **Construction**: It utilizes a molded iron powder core technology. This "pressed" construction provides excellent magnetic shielding to minimize Electromagnetic Interference (EMI).
2. **Soft Saturation**: Unlike ferrite core inductors that drop inductance sharply when current limits are reached, the HCMA series features a gradual saturation curve.
3. **Environmental Ruggedness**: The part is AEC-Q200 Grade 1 qualified, making it resistant to mechanical shock, vibration, and moisture.
4. **Low DCR**: The low internal resistance helps minimize power loss through heat (Joule heating), improving overall circuit efficiency.
---
### ## Applications
This inductor is typically used in DC-DC converters and voltage regulator modules (VRMs). Common applications include:
* **Automotive Systems**: Advanced Driver Assistance Systems (ADAS), infotainment, and engine control units (ECU).
* **Industrial Electronics**: High-current power supplies and battery-powered systems.
* **Computing**: Distributed power systems and servers.
---
### ## Part Number Breakdown
The naming convention follows a specific logic:
* **HCMA**: Product Series (High Current Automotive).
* **1305**: Dimensions (Approx. 13mm footprint, 5mm height).
* **100**: Inductance value (10 followed by 0 zeros = 10µH).
* **-R**: RoHS compliant.
- ⤷
What are the suggested footprints for PCB layout for this component?
- ⤷ How does the saturation current of this inductor change at high temperatures?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?