HCMA1707-330-R
AI

## Technical Overview: HCMA1707-330-R Inductor
The **HCMA1707-330-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (Bussmann Division)**. It belongs to the HCMA series, which is specifically designed to meet the rigorous demands of automotive electronics, particularly in high-temperature and high-vibration environments.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 33 $\mu$H |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 6.2 Amperes |
| **Saturation Current (Isat)** | 7.0 Amperes |
| **DC Resistance (DCR)** | 48.0 mΩ (Typical) |
| **Operating Temperature** | -55°C to +155°C |
| **Dimensions (L x W x H)** | 17.5mm x 17.2mm x 7.0mm |
| **AEC-Q200 Qualified** | Yes (Grade 1) |
---
### 2. Core Material and Construction
* **Iron Powder Core:** The inductor utilizes an advanced iron powder core material. This provides a "soft" saturation characteristic, meaning the inductance drops gradually as current increases rather than hitting a sharp "cliff."
* **Magnetically Shielded:** The molded construction provides excellent EMI (Electromagnetic Interference) shielding, which is critical for sensitive automotive circuits like ADAS or Infotainment systems.
* **Rugged Design:** The 1707 package size is large and robust, designed to handle high mechanical shock and vibration.
---
### 3. Applications
Due to its high temperature rating and AEC-Q200 qualification, the HCMA1707-330-R is commonly used in:
* **Automotive Power Units:** DC-DC converters for engine control units (ECU).
* **Body Electronics:** Lighting systems (LED drivers) and heating/ventilation controls.
* **Safety Systems:** Adaptive cruise control and braking modules.
* **Industrial Power:** High-density power supplies where heat dissipation is a concern.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
1. **HCMA:** Series identifier (High Current Automotive).
2. **1707:** Physical size (approx. 17mm x 7mm height).
3. **330:** Inductance code ($33 \times 10^0$ = 33 $\mu$H).
4. **-R:** RoHS compliant.
---
- ⤷
What is the significance of AEC-Q200 Grade 1 qualification for this inductor?
- ⤷ How does the 'soft saturation' of the iron powder core affect circuit performance?
- ⤷ What are the recommended footprint and soldering guidelines for the 1707 package?