HDMI-MM-RASD-3M
AI

The **HDMI-MM-RASD-3M** is a specific category of High-Definition Multimedia Interface (HDMI) cable. The model name typically breaks down into technical specifications that define its electronic and physical properties.
---
## 1. Nomenclature Breakdown
To understand the electronic parts, we first decode the model name:
| Segment | Meaning | Technical Specification |
| :--- | :--- | :--- |
| **HDMI** | Protocol | Digital audio/video transmission standard. |
| **MM** | Connector Gender | Male to Male (Standard plugs on both ends). |
| **RASD** | Physical Build | **R**ight **A**ngle / **S**lim **D**esign. |
| **3M** | Length | 3 Meters (~9.8 feet). |
---
## 2. Core Electronic Components
A 3-meter HDMI cable is more than just a wire; it contains several layers of electronic engineering to ensure signal integrity over distance.
### A. Internal Wiring (Conductors)
The cable consists of 19 individual wires. These are typically made of **Oxygen-Free Copper (OFC)** or **Tinned Copper**.
* **TMDS Channels:** Transition Minimized Differential Signaling. These are the core wires that carry the high-speed data for video and audio.
* **DDC (Display Data Channel):** Used for the "handshake" between devices (EDID information) so the source knows what resolution the monitor supports.
* **HEC (HDMI Ethernet Channel):** Allows for internet sharing between connected devices.
### B. Shielding and Insulation
To prevent Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI), the cable employs:
* **Individual Foil Shielding:** Each twisted pair of TMDS wires is wrapped in aluminum foil.
* **Overall Braid Shielding:** A copper or aluminum mesh surrounds all internal wires to provide structural strength and ground the cable.
### C. Connectors and Pins
The "MM" (Male-to-Male) connectors feature 19 gold-plated pins.
* **Gold Plating:** Used for its high conductivity and resistance to oxidation (corrosion), ensuring a stable electronic connection over years of use.
* **Right-Angle (RA) Geometry:** The internal PCB (Printed Circuit Board) inside the connector head is angled to allow for tight installations without bending the wires, which prevents "crosstalk" (signal bleeding).
---
## 3. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **HDMI Version** | Typically 2.0 (High Speed with Ethernet) |
| **Max Resolution** | 4K @ 60Hz |
| **Bandwidth** | 18Gbps |
| **Audio Support** | ARC (Audio Return Channel), Dolby TrueHD, DTS-HD |
| **Color Depth** | 48-bit/px Deep Color |
---
## 4. Signal Integrity Considerations for 3-Meter Length
At 3 meters, electronic attenuation (signal loss) can occur. The **HDMI-MM-RASD-3M** addresses this through:
1. **AWG (American Wire Gauge):** Usually 28AWG or 30AWG. Thicker wire (lower number) is used to ensure the 18Gbps bandwidth is maintained over the full 3-meter span.
2. **Passive Design:** This cable is likely passive, meaning it does not require an external power source or internal chipset to boost the signal, as 3 meters is within the threshold for standard copper transmission.
- ⤷
What is the difference between a passive and an active HDMI cable at lengths over 5 meters?
- ⤷ How does a right-angle connector affect signal impedance compared to a straight connector?
- ⤷ Does this cable support HDMI 2.1 features like 8K resolution?